Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440GP-3CC466C Datasheet(PDF) 50 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC466C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC466C Datasheet(HTML) 50 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC466C Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 54Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
50
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
EMCTxEn,
EMC0TxEn
MII: Transmit data enabled
RMII 0: Transmit data enabled
O
5V tolerant
3.3V LVTTL
EMCTxErr,
EMC1TxEn
MII: Transmit error:
RMII: Transmit data enabled
O
5V tolerant
3.3V LVTTL
External Slave Peripheral Interface
DMAAck0:3
Used by the PPC440GP to indicate that data transfers have
occurred.
O
5V tolerant
3.3V LVTTL
DMAReq0:3
Used by slave peripherals to indicate they are prepared to transfer
data.
I
5V tolerant
3.3V LVTTL
1, 5
EOT0:3/TC0:3
End Of Transfer/Terminal Count.
I/O
5V tolerant
3.3V LVTTL
1, 5
PerAddr00:31
Peripheral address bus used by PPC440GP when not in external
master mode, otherwise used by external master.
Note: PerAddr00 is the most significant bit (msb) on this bus.
I/O
5V tolerant
3.3V LVTTL
1
PerWBE0:3
External peripheral data bus byte enables.
I/O
5V tolerant
3.3V LVTTL
1, 2
PerBLast
Used by either the peripheral controller, DMA controller, or
external master to indicates the last transfer of a memory access.
I/O
5V tolerant
3.3V LVTTL
1, 4
PerCS0:7
External peripheral device select.
O
5V tolerant
3.3V LVTTL
2
PerData00:31
Peripheral data bus used by PPC440GP when not in external
master mode, otherwise used by external master.
Note: PerData00 is the most significant bit (msb) on this bus.
I/O
5V tolerant
3.3V LVTTL
1
PerOE
Used by either peripheral controller or DMA controller depending
upon the type of transfer involved. When the PPC440GP is the
bus master, it enables the selected device to drive the bus.
O
5V tolerant
3.3V LVTTL
2
PerPar0:3
External peripheral data bus byte parity.
I/O
5V tolerant
3.3V LVTTL
1
PerReady
Used by a peripheral slave to indicate it is ready to transfer data.
I
5V tolerant
3.3V LVTTL
PerR/W
Used by the PPC440GP when not in external master mode, as
output by either the peripheral controller or DMA controller
depending upon the type of transfer involved. High indicates a
read from memory, low indicates a write to memory.
Otherwise, it used by the external master as an input to indicate
the direction of transfer.
I/O
5V tolerant
3.3V LVTTL
1, 2
PerWE
Write Enable. Low when any of the four PerWBE0:3 signals are
low.
O
5V tolerant
3.3V LVTTL
2
Signal Functional Description (Sheet 3 of 7)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V, 10kΩ to 5V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com