Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440GP-3FC400C Datasheet(PDF) 12 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3FC400C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3FC400C Datasheet(HTML) 12 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3FC400C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 16Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
12
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
• Ability to boot from PCI-X bus memory
• Error tracking/status
• Supports initiation of transfer to the following address spaces:
- Single beat I/O reads and writes
- Single beat and burst memory reads and writes
- Single beat configuration reads and writes (type 0 and type 1)
- Single beat special cycles
DDR SDRAM Memory Controller
The Double Data Rate (DDR) SDRAM memory controller supports industry standard 184-pin DIMMs and other
discrete devices. Up to four 512MB logical banks are supported in limited configurations. Global memory timings,
address and bank sizes, and memory addressing modes are programmable.
Features include:
• Registered and non-registered industry standard DIMMs and other discrete devices
• 32- or 64-bit memory interface with optional 8-bit ECC (SEC/DED)
• Sustainable 2.1GB/s peak bandwidth at 133MHz
• SSTL_2 logic
• 1 to 4 chip selects
• CAS latencies of 2, 2.5 and 3 supported
• PC200/266 support
• Page mode accesses (up to eight open pages) with configurable paging policy
• Programmable address mapping and timing
• Hardware and software initiated self-refresh
• Power management (self-refresh, suspend, sleep)
External Peripheral Bus Controller (EBC)
Features include:
• Up to eight ROM, EPROM, SRAM, Flash memory, and slave peripheral I/O banks supported
• Up to 66.66MHz operation (266MB/s)
• Burst and non-burst devices
• 8-, 16-, 32-bit byte-addressable data bus
• 32-bit address, 4GB address space
• Peripheral Device pacing with external “Ready”
• Latch data on Ready, synchronous or asynchronous
• Programmable access timing per device
- 256 Wait States for non-burst
- 32 Burst Wait States for first access and up to 8 Wait States for subsequent accesses
- Programmable CSon, CSoff relative to address
- Programmable OEon, WEon, WEoff (1 to 4 clock cycles) relative to CS
• Programmable address mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com