Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPB5040G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5040G
Description  Home Phone Networking Analog Magnetics Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5040G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5040G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
Min.
Max.
Nom.
(Inches)
(Millimeters)
Min.
Max.
Nom.
.910
.370
.215
---
.010
---
.490
.016
.008
---
0°
.025
---
---
---
---
.930
.390
.235
---
.015
---
.510
.022
.012
---
8°
.045
---
---
---
---
.920
.380
.225
.700
.0125
.100
.500
.018
.010
.110
4°
.035
.030
.100
.090
.540
23.11
9.40
5.46
---
.254
---
12.45
.406
.203
---
0°
.635
---
---
---
---
23.62
9.91
5.97
---
.381
---
12.95
.559
.305
---
8°
1.14
---
---
---
---
23.37
9.65
5.71
17.78
.317
2.54
12.70
.457
.254
2.79
4°
.889
.762
2.54
2.29
13.72
N
P
M
Pad
Layout
Q
L
G
I
K
A
B
PCA
EPB5040G
Date Code
Pin 1
I.D.
D
J
E
H
C
F
• Filter Characteristic Impedance : 100
Ω Isolation : 1500 Vrms •
Electrical Parameters @ 25° C
Home Phone Networking
Analog Magnetics Module
CSB5040G
Rev. A5
3/9/00
• Opitimized for AMD79C978 , Conexant CN7221 •
& National DP83851 Chips
• UL/IEC 950 Approved File #132261 •
• Supports TUT Systems HPN Architecture •
• Robust construction allows for reflow processes •
• Temperature Range -40°C to +85°C •
EPB5040G
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Schematic
Product performance is limited to specified parameters. Data is subject to change without prior notice.
1+
2-
9 (Ring)
10 (TIP)
Gnd 3
Chip Side
1:1
.001 µF,
2000 V
Sidactor
BPF
Cable Side
Insertion
Loss
(dB Max.)
-3
6.0-9.0
MHz
Return
Loss
(dB Min.)
-12
6.0-9.0
MHz
Attenuation
(dB Min.)
@ 1
MHz
-60
@ 27
MHz
-55
Cut-off
Frequency
4.0-5.8
Lower Band
MHz
9-11
Upper Band
MHz


Similar Part No. - EPB5040G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5040GM PCA-EPB5040GM Datasheet
30Kb / 1P
Home Phone Networking Analog Magnetics Module
More results

Similar Description - EPB5040G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LH-1602N ETC1-LH-1602N Datasheet
28Kb / 1P
Home Phone Networking Analog Magnetics Module
logo
PCA ELECTRONICS INC.
EPB5045G PCA-EPB5045G Datasheet
26Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5100G PCA-EPB5100G Datasheet
23Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5035G PCA-EPB5035G Datasheet
26Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5035GM PCA-EPB5035GM Datasheet
29Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5039G PCA-EPB5039G Datasheet
29Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5045GM PCA-EPB5045GM Datasheet
29Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5047NC PCA-EPB5047NC Datasheet
32Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5147G PCA-EPB5147G Datasheet
49Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5147NC PCA-EPB5147NC Datasheet
25Kb / 1P
Home Phone Networking Analog Magnetics Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com