Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105503SSL15LXNN Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 105503SSL15LXNN
Description  5503 Differential Pressure Gauge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

105503SSL15LXNN Datasheet(HTML) 2 Page - Ashcroft, Inc.

  105503SSL15LXNN Datasheet HTML 1Page - Ashcroft, Inc. 105503SSL15LXNN Datasheet HTML 2Page - Ashcroft, Inc. 105503SSL15LXNN Datasheet HTML 3Page - Ashcroft, Inc. 105503SSL15LXNN Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
5503 Differential Pressure Gauge
of 4
2
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: Duratherm®, Inconel®, Hastelloy®, Monel® and Viton™.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 5503_gauge_ds_RevG_04-05-24
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
10
5503
SS
L
02
L
XAJ
10IW
Dial Size
10 - 100mm (4˝)
10
16 - 160mm (6˝)
Model
5503 - 304 Stainless steel open front case
5503
Diaphragm & Housing Material
SS - 316 SS diaphragm and housing for ranges of 5 psi and below
High strength cobalt alloy (Duratherm 600®) for ranges of 10 psi and above
SS
HS - Hastelloy® C 276 diaphragm, 316 stainless steel housing
HH - Hastelloy® C 276 diaphragm and housing (NACE compliant)
PS - Monel® diaphragm and 316 stainless steel housing
Case Fill
D - Dry
L - Glycerin fill
L
Process Connection
00 - Special connection must used when ordering XLH
02 - 1/4 NPT Male, 1/4 - 18 NPT Male; DIN EN837
02
04 - 1/2 NPT Male, 1/2 - 14 NPT Male; DIN EN837
13 - G 1/4 B Male, DIN EN837
15 - G 1/2 B Male; DIN EN837
25 - 1/4 NPT, 1/4 - 18 NPT Female
27 -G 1/4 B Female, DIN EN837
50 - 1/2 NPT, 1/2 - 14 NPT Female
51 - G 1/2 Female
Process Connection Location
L - Lower
L
Options (If choosing an option(s) must include an “X”) (See Table 1 on page 3 for more options)
X _ _
AJ - Accuracy
±0.5% Upscale
AJ
MN - Bonded stainless steel tag
NH - Stainless steel wired tag
NN - Paper tag bonded to case
Range (coding examples only, see range table on page 3 for all standard ranges)
10IW - 10 IWD
10IW
When selecting a diaphragm seal or isolation ring, refer to the Min/Max Guide for compatibility with this gauge or scan the QR code to the right.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com