Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AACT1208F Datasheet(PDF) 3 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AACT1208F
Description  AC Thyristor Triac power switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

AACT1208F Datasheet(HTML) 3 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  AACT1208F Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT1208F Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT1208F Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT1208F Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT1208F Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT1208F Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
 
 
AACT1208F/10F
 
3 / 6
www.advsemi.com
Feb,2013 -Rev.3.01
ADV
FIG.3:
Typical
RMS
on-state
current
VS
Allowable case Temperature
FIG.4: Maximum transient thermal impedance
FIG.2: Maximum on-state power dissipation
FIG.5:
Rated
surge
on-state
current
( Non-Repetitive)
FIG.6: Gate trigger current VS Junction
temperature
Power Dissipation(W)
15
12
9
6
3
Power Dissipation(W)
0
2
4
6
8
10
12
14
16
18 20
15
12
9
6
3
360° Full Cycle
0
50
100
150
200
250
IGT(Tj)/IGT(25°C) x 100(%)
150
125
100
75
50
25
-50
0
-25
0
20
40
60
80
100
120
140
160
ITSM(A),Surge On-State Current
102
10
1
f=50Hz
f=60Hz
f=60Hz
f=60Hz
f=60Hz
Tj=25°C Max
0.1
1
10
R
th(j-c)(°C/W),Transient Thermal Impedance
101
102
103
104
105
0
3
6
9
12
15
R.M.S On-state Current(A)
150
120
90
60
30
0
360° Full Cycle



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com