Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AACT408D Datasheet(PDF) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AACT408D
Description  AC Thyristor Triac power switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

AACT408D Datasheet(HTML) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  AACT408D Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT408D Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT408D Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT408D Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT408D Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT408D Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
 
AACT408D/10D
 
5 / 6
www.advsemi.com
Feb,2013 -Rev.3.01
ADV
PACKAGE MECHANICAL DATA
TO-251
Package Dimension
Making Diagram
Ordering information
Part number
Package
Marking
Packing
Quantity
AACT408D#
TO-251
AACT408D#
Tube
80pcs
AACT410D#
TO-251
AACT410D#
Tube
80pcs
Note:# = Gate Trigger Current Sensitivity and type
ADV
AACT408DS
XXXX
XXXH
XX
ADV:Logo
AACT408DS:Part number
X:Internal control code
H:Halogen Free
A
AC
T
4
08
D S
ADVANCED
Package explain: D=TO-251
S = 10mA
Blank =35mA
Sensitivity and type
Voltage: 08 = 800V 10=1000V
T=Triac
Current:4 = 4A
AC Switches
Symbol
Dimensions ln
Millimeters
Dimensions ln
lnches
Min
Max
Min
Max
A
2.200
2.400
0.087
0.094
A1
0.900
1.100
0.035
0.043
B
1.350
1.650
0.053
0.065
b
0.500
0.700
0.020
0.028
b1
0.700
0.900
0.028
0.035
c
0.430
0.620
0.017
0.024
c1
0.480
0.620
0.019
0.024
D
6.350
6.700
0.252
0.264
D1
5.100
5.400
0.200
0.213
E
6.000
6.200
0.236
0.244
e
2.300TYP
0.091TYP
e1
4.500
4.700
0.177
0.185
L
8.900
9.400
0.350
0.370
D1
D
b1
b
c1
A
A1
c
e
e1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com