Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC50FDPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRG4PC50FDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50FDPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRG4PC50FDPBF Datasheet HTML 3Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 4Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 5Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 6Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 7Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 8Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 9Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 10Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRG4PC50FDPbF
www.irf.com
7
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
0
300
600
900
1200
1500
100
1000
f
di /dt - (A/µs)
I = 10A
I = 25A
I = 50A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
100
1000
10000
100
1000
f
di /dt - (A/µs)
I = 50A
I = 25A
I = 10A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
1
10
100
100
1000
f
d i /d t - (A/µ s)
I = 10A
I = 25A
I = 50A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
20
40
60
80
100
120
140
100
1000
f
di /dt - (A/µs)
I = 50A
I = 25A
I = 10A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com