Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3VDP411LST Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LST
Description  Digital Video Level Shifter for dual mode DP signals w/ inverting buffer for HPD signal
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LST Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3VDP411LST Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
PS8906A
08/28/07
PI3VDP411LST
Digital Video Level Shifter for dual mode DP
signals w/ inverting buffer for HPD signal
Pin Name
Type
Description
OUT_D2+
TMDS Differential output
HDMI 1.3 compliant TMDS output. OUT_D2+ makes
a differential output signal with OUT_D2–.
OUT_D2–
TMDS Differential output
HDMI 1.3 compliant TMDS output. OUT_D2– makes
a differential output signal with OUT_D2+.
OUT_D1+
TMDS Differential output
HDMI 1.3 compliant TMDS output. OUT_D1+ makes
a differential output signal with OUT_D1–.
OUT_D1–
TMDS Differential output
HDMI 1.3 compliant TMDS output. OUT_D1– makes
a differential output signal with OUT_D1+.
HPD_SINK
5V tolerance single-ended input Low Frequency, 0V to 5V (nominal) input signal. This
signal comes from the HDMI connector. Voltage High
indicates "plugged" state; voltage low indicated
"unplugged". HPD_SINK is pulled down by an
integrated 100K ohm pulldown resistor.
HPD_SOURCE# 1V buffer
Inverted buffer from 0V to 5V input signal. If input is
LOGIC HIGH, then output will be LOGIC LOW, with
VOL max of 0.1V max. If input is LOGIC LOW, then
output will be LOGIC LOW, with Voh of 0.8V min.
SCL_SOURCE
Single-ended 3.3V open-drain
DDC I/O
3.3V DDC Data I/O. Pulled up by external termina-
tion to 3.3V. Connected to SCL_SINK through volt-
age-limiting intergrated NMOS passgate.
SDA_SOURCE
Single-ended 3.3V open-drain
DDC I/O
3.3V DDC Data I/O. Pulled up by external termination
to 3.3V. Connected to SDA_SINK through voltage-
limiting intergrated NMOS passgate.
SCL_SINK
Single-ended 5V open-drain
DDC I/O
5V DDC Clock I/O. Pulled up by external termination
to 5V. Connected to SCL_SOURCE through voltage-
limiting integrated NMOS passgate.
SDA_SINK
Single-ended 5V open-drain
DDC I/O
5V DDC Data I/O. Pulled up by external termination
to 5V. Connected to SDA_SOURCE through voltage-
limiting integrated NMOS passgate.
DDC_EN
5.0V tolerant Single-ended input Enables bias voltage to the DDC passgate level shifter
gates. (May be implemented as a bias voltage connec-
tion to the DDC pass gates themselves.)
DDC_EN
Passgate
0V
Disabled
3.3V
Enabled
VCC3V
3.3V DC Supply
3.3V ± 10%
OC_2 (1)
(REXT)
3.3V single-ended control input
Acceptable connections to OC_1 (REXT) pin are: Re-
sistor to GND; Resistor to 3.3V; NC. (Resistor should
be 0-ohm).
Note:
1) internal 100Kohm pull-up
07-0191



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com