Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D60VC120 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # D60VC120
Description  Silicon-Twin-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

D60VC120 Datasheet(HTML) 1 Page - Diotec Semiconductor

  D60VC120 Datasheet HTML 1Page - Diotec Semiconductor D60VC120 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D60VC20 ... D60VC120
D60VC20 ... D60VC120
Silicon-Twin-Rectifiers
Silizium-Doppeldiode
Version 2005-04-26
Dimensions - Maße [mm]
Nominal current
Nennstrom
60 A
Alternating input voltage
Eingangswechselspannung
60...800 V
Plastic case with alu-bottom
Kunststoffgehäuse mit Alu-Boden
28.5 x 28.5 x 10 [mm]
Weight approx.
Gewicht ca.
23 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging bulk
Standard Lieferform lose im Karton
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V] 1)
D60VC20
200
200
D60VC40
400
400
D60VC60
600
600
D60VC80
800
800
D60VC100
1000
1000
D60VC120
1200
1200
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
per diode
'pro Diode
IFAV
60 A 2)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
120 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
450/500 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
1000A2s
Isolation voltage terminals to case
Isolationsspannung Anschlüsse zum Gehäuse
t = 1 min
VISO
≥ 2000 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Per diode – Pro Diode
2
Max. case temperature TC = 100°C – Max. Gehäusetemperatur TC = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
24.3±0.2
0.8
6.3
Ø 5.2


Similar Part No. - D60VC120

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
D60VC120 DIOTEC-D60VC120 Datasheet
172Kb / 2P
Silicon-Twin Rectifiers
More results

Similar Description - D60VC120

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Diotec Semiconductor
D30VC20 DIOTEC-D30VC20 Datasheet
174Kb / 2P
Silicon-Twin Rectifiers Center tap
D60VC20 DIOTEC-D60VC20 Datasheet
172Kb / 2P
Silicon-Twin Rectifiers
logo
NEC
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
California Eastern Labs
UPA862TD CEL-UPA862TD Datasheet
291Kb / 12P
NPN SILICON RF TWIN TRANSISTOR
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
NPN SILICON RF TWIN TRANSISTOR
logo
Diotec Semiconductor
DD810 DIOTEC-DD810 Datasheet
90Kb / 2P
Silicon Twin Rectifiers
DAN208 DIOTEC-DAN208_08 Datasheet
109Kb / 2P
Silicon-Twin Rectifiers ??Center Tap
logo
Guangdong Juxing Electr...
SS05M JUXING-SS05M Datasheet
896Kb / 4P
Surface Mount Twin Standard Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com