Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC02 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC02
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC02 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC02 Datasheet HTML 1Page - Texas Instruments SN54HC02 Datasheet HTML 2Page - Texas Instruments SN54HC02 Datasheet HTML 3Page - Texas Instruments SN54HC02 Datasheet HTML 4Page - Texas Instruments SN54HC02 Datasheet HTML 5Page - Texas Instruments SN54HC02 Datasheet HTML 6Page - Texas Instruments SN54HC02 Datasheet HTML 7Page - Texas Instruments SN54HC02 Datasheet HTML 8Page - Texas Instruments SN54HC02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54HC02, SN74HC02
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCLS076E – DECEMBER 1982 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 8 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1Y
1A
1B
2Y
2A
2B
GND
VCC
4Y
4B
4A
3Y
3B
3A
SN54HC02 ...J OR W PACKAGE
SN74HC02 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
4B
NC
4A
NC
3Y
1B
NC
2Y
NC
2A
SN54HC02 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
The ’HC02 devices contain four independent 2-input NOR gates. They perform the Boolean function
Y = A + B or Y = A
• B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HC02N
SN74HC02N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HC02D
HC02
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HC02DR
HC02
–40 C to 85 C
Reel of 250
SN74HC02DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HC02NSR
HC02
SSOP – DB
Reel of 2000
SN74HC02DBR
HC02
TSSOP – PW
Tube of 90
SN74HC02PW
HC02
TSSOP – PW
Reel of 2000
SN74HC02PWR
HC02
Reel of 250
SN74HC02PWT
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HC02J
SNJ54HC02J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HC02W
SNJ54HC02W
LCCC – FK
Tube of 55
SNJ54HC02FK
SNJ54HC02FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54HC02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC02 TI-SN54HC02 Datasheet
525Kb / 15P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02 Datasheet
700Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI1-SN54HC02 Datasheet
1Mb / 29P
SNx4HC02 Quadruple 2-Input Positive-NOR Gates
SN54HC02 TI-SN54HC02 Datasheet
2Mb / 42P
SNx4HC02 Quadruple 2-Input Positive-NOR Gates
DECEMBER 2020
SN54HC02 TI2-SN54HC02 Datasheet
327Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
REVISED JANUARY 2004
More results

Similar Description - SN54HC02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54L02 TI-SN54L02 Datasheet
310Kb / 6P
Quadruple 2-input positive-nor gates
CD54AC02 TI-CD54AC02 Datasheet
480Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN5402 TI-SN5402_07 Datasheet
968Kb / 25P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com