Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC00PWLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AC00PWLE
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC00PWLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74AC00PWLE Datasheet HTML 1Page - Texas Instruments SN74AC00PWLE Datasheet HTML 2Page - Texas Instruments SN74AC00PWLE Datasheet HTML 3Page - Texas Instruments SN74AC00PWLE Datasheet HTML 4Page - Texas Instruments SN74AC00PWLE Datasheet HTML 5Page - Texas Instruments SN74AC00PWLE Datasheet HTML 6Page - Texas Instruments SN74AC00PWLE Datasheet HTML 7Page - Texas Instruments SN74AC00PWLE Datasheet HTML 8Page - Texas Instruments SN74AC00PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54AC00, SN74AC00
QUADRUPLE 2INPUT POSITIVENAND GATES
SCAS524E − AUGUST 1995 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 2-V to 6-V VCC Operation
D Inputs Accept Voltages to 6 V
D Max tpd of 7 ns at 5 V
SN54AC00 ...FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
NC − No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54AC00 ...J OR W PACKAGE
SN74AC00 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
description/ordering information
The ‘AC00 devices contain four independent 2-input NAND gates. Each gate performs the Boolean function
of Y = A
S B or Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AC00N
SN74AC00N
SOIC − D
Tube
SN74AC00D
AC00
SOIC − D
Tape and reel
SN74AC00DR
AC00
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AC00NSR
AC00
−40 C to 85 C
SSOP − DB
Tape and reel
SN74AC00DBR
AC00
TSSOP − PW
Tube
SN74AC00PW
AC00
TSSOP − PW
Tape and reel
SN74AC00PWR
AC00
CDIP − J
Tube
SNJ54AC00J
SNJ54AC00J
−55
°C to 125°C
CFP − W
Tube
SNJ54AC00W
SNJ54AC00W
−55 C to 125 C
LCCC − FK
Tube
SNJ54AC00FK
SNJ54AC00FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
L
L
XH
X
L
H
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74AC00PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC00PWLE TI-SN74AC00PWLE Datasheet
516Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74AC00PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com