Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC02DBRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74HC02DBRG4
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC02DBRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC02DBRG4 Datasheet HTML 1Page - Texas Instruments SN74HC02DBRG4 Datasheet HTML 2Page - Texas Instruments SN74HC02DBRG4 Datasheet HTML 3Page - Texas Instruments SN74HC02DBRG4 Datasheet HTML 4Page - Texas Instruments SN74HC02DBRG4 Datasheet HTML 5Page - Texas Instruments SN74HC02DBRG4 Datasheet HTML 6Page - Texas Instruments SN74HC02DBRG4 Datasheet HTML 7Page - Texas Instruments SN74HC02DBRG4 Datasheet HTML 8Page - Texas Instruments SN74HC02DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN54HC02, SN74HC02
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCLS076E – DECEMBER 1982 – REVISED AUGUST 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
X
L
X
HL
L
L
H
logic diagram (positive logic)
A
B
Y
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54HC02
SN74HC02
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
2
5
6
V
V
High-level input voltage
VCC = 2 V
1.5
1.5
V
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
IH
VCC = 6 V
4.2
4.2
V
Low-level input voltage
VCC = 2 V
0.5
0.5
V
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
IL
VCC = 6 V
1.8
1.8
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
t/ v
Input transition rise/fall time
VCC = 2 V
1000
1000
ns
∆t/∆v
Input transition rise/fall time
VCC = 4.5 V
500
500
ns
VCC = 6 V
400
400
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com