Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT574PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT574PW
Description  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT574PW Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT574PW Datasheet HTML 1Page - Texas Instruments SN74ACT574PW Datasheet HTML 2Page - Texas Instruments SN74ACT574PW Datasheet HTML 3Page - Texas Instruments SN74ACT574PW Datasheet HTML 4Page - Texas Instruments SN74ACT574PW Datasheet HTML 5Page - Texas Instruments SN74ACT574PW Datasheet HTML 6Page - Texas Instruments SN74ACT574PW Datasheet HTML 7Page - Texas Instruments SN74ACT574PW Datasheet HTML 8Page - Texas Instruments SN74ACT574PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54ACT574, SN74ACT574
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCAS537D – OCTOBER 1995 – REVISED NOVEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 9 ns at 5 V
D Inputs Are TTL-Voltage Compatible
description/ordering information
These 8-bit flip-flops feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. The devices
are particularly suitable for implementing buffer
registers, I/O ports, bidirectional bus drivers, and
working registers.
The eight flip-flops of the ’ACT574 devices are
D-type edge-triggered flip-flops. On the positive
transition of the clock (CLK) input, the Q outputs
are set to the logic levels set up at the data (D)
inputs.
A buffered output-enable (OE) input can be used
to place the eight outputs in either a normal logic
state
(high
or
low
logic
levels)
or
the
high-impedance state. In the high-impedance
state, the outputs neither load nor drive the bus
lines significantly. The high-impedance state and
the increased drive provide the capability to drive
bus lines in a bus-organized system without need
for interface or pullup components.
OE does not affect internal operations of the flip-flop. Old data can be retained or new data can be entered while
the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74ACT574N
SN74ACT574N
SOIC
DW
Tube
SN74ACT574DW
ACT574
40
°Cto85°C
SOIC – DW
Tape and reel
SN74ACT574DWR
ACT574
–40
°C to 85°C
SOP – NS
Tape and reel
SN74ACT574NSR
ACT574
SSOP – DB
Tape and reel
SN74ACT574DBR
AD574
TSSOP – PW
Tape and reel
SN74ACT574PWR
AD574
CDIP – J
Tube
SNJ54ACT574J
SNJ54ACT574J
–55
°C to 125°C
CFP – W
Tube
SNJ54ACT574W
SNJ54ACT574W
LCCC – FK
Tube
SNJ54ACT574FK
SNJ54ACT574FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2002, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
CLK
SN54ACT574 ...J OR W PACKAGE
SN74ACT574 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2Q
3Q
4Q
5Q
6Q
3D
4D
5D
6D
7D
SN54ACT574 . . . FK PACKAGE
(TOP VIEW)


Similar Part No. - SN74ACT574PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT574PW TI-SN74ACT574PW Datasheet
97Kb / 6P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ACT574PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT574 TI-SN74ABT574_02 Datasheet
332Kb / 17P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574_08 Datasheet
748Kb / 20P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com