Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF794HT Datasheet(PDF) 1 Page - Power Semiconductors

Part # ARF794HT
Description  FAST RECOVERY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ARF794HT Datasheet(HTML) 1 Page - Power Semiconductors

  ARF794HT Datasheet HTML 1Page - Power Semiconductors ARF794HT Datasheet HTML 2Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY DIODE
ARF794HT
FOR IGBT,IEGT,GCT APPLICATIONS
Repetitive voltage up to
6000 V
SNUBBERLESS OPERATION
Mean forward current
1060 A
LOW LOSSES SOFT RECOVERY
Surge current
20 kA
TARGET SPECIFICATION
mar 03 - ISSUE : 2
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
125
6000
V
V RSM
Non-repetitive peak reverse voltage
125
6100
V
I RRM
Repetitive peak reverse current
V=VRRM
125
mA
V DC LINK
Permanent DC voltage
125
3200
V
CONDUCTING
I F (AV)
Mean forward current
180° sin ,50 Hz, Th=55°C, double side cooled
1060
A
I F (AV)
Mean forward current
180° square,50 Hz,Th=55°C,double side cooled
1110
A
I FSM
Surge forward current
Sine wave, 10 ms
125
20
kA
I² t
I² t
reapplied reverse voltage up to 50% VRSM
2000 x1E3
A²s
V FM
Forward voltage
Forward current = 1570 A
25
5.6
V
V F(TO)
Threshold voltage
125
2.10
V
r F
Forward slope resistance
125
1.40
mohm
SWITCHING
Q rr
Reverse recovery charge
I F = 1000 A
di/dt=
250 A/µs
125
µC
I rr
Peak reverse recovery current
VR =
100 V
125
A
t rr
Reverse recovery time
I F = 1000 A
µs
Q rr
Reverse recovery charge
di/dt=
500 A/µs
4000
µC
I rr
Peak reverse recovery current
VR =
V
125
1600
A
s
Softness (s-factor), min
E OFF
Turn off energy dissipation
J
V FR
Peak forward recovery
di/dt=
500 A/µs
125
V
MOUNTING
R th(j-h)
Thermal impedance
Junction to heatsink, double side cooled
11
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
2
°C/kW
T j
Operating junction temperature
-30 / 125
°C
F
Mounting force
46.0 / 54.0
kN
Mass
1700
g
ORDERING INFORMATION : ARF794HT S 60
standard specification
VRRM/100
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO
POSEICO SPA
Via N. Lorenzi 8, 16152 Genova - ITALY
Tel. +39 010 6556234 - Fax +39 010 6557519
Sales Office:
Tel. +39 010 6556775 - Fax +39 010 6442510


Similar Part No. - ARF794HT

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF794LT POSEICO-ARF794LT Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF794LTS60 POSEICO-ARF794LTS60 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
More results

Similar Description - ARF794HT

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com