Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9945KCPRL Datasheet(PDF) 5 Page - Analog Devices

Part # AD9945KCPRL
Description  Complete 12-Bit 40 MHz CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9945KCPRL Datasheet(HTML) 5 Page - Analog Devices

  AD9945KCPRL Datasheet HTML 1Page - Analog Devices AD9945KCPRL Datasheet HTML 2Page - Analog Devices AD9945KCPRL Datasheet HTML 3Page - Analog Devices AD9945KCPRL Datasheet HTML 4Page - Analog Devices AD9945KCPRL Datasheet HTML 5Page - Analog Devices AD9945KCPRL Datasheet HTML 6Page - Analog Devices AD9945KCPRL Datasheet HTML 7Page - Analog Devices AD9945KCPRL Datasheet HTML 8Page - Analog Devices AD9945KCPRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
AD9945
–5–
PIN CONFIGURATION
TOP VIEW
24 REFB
23 REFT
22 CCDIN
21 AVSS
D2 1
D3 2
D4 3
20 AVDD
19 SHD
18 SHP
17 CLPOB
D5 4
D6 5
D7 6
D8 7
D9 8
AD9945
PIN 1
INDICATOR
PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
Type
Description
1 to 10, 31, 32
D2 to D11, D0, D1
DO
Digital Data Outputs
11
DRVDD
P
Digital Output Driver Supply
12
DRVSS
P
Digital Output Driver Ground
13
DVDD
P
Digital Supply
14
DATACLK
DI
Digital Data Output Latch Clock
15
DVSS
P
Digital Supply Ground
16
PBLK
DI
Preblanking Clock Input
17
CLPOB
DI
Black Level Clamp Clock Input
18
SHP
DI
CDS Sampling Clock for CCD’s Reference Level
19
SHD
DI
CDS Sampling Clock for CCD’s Data Level
20
AVDD
P
Analog Supply
21
AVSS
P
Analog Ground
22
CCDIN
AI
Analog Input for CCD Signal
23
REFT
AO
A/D Converter Top Reference Voltage Decoupling
24
REFB
AO
A/D Converter Bottom Reference Voltage Decoupling
25
SL
DI
Serial Digital Interface Load Pulse
26
SDATA
DI
Serial Digital Interface Data Input
27
SCK
DI
Serial Digital Interface Clock Input
28 to 30
NC
NC
Internally Pulled Down. Float or connect to GND.
TYPE: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com