Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSG1002 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSG1002 Datasheet HTML 1Page - Renesas Technology Corp HSG1002 Datasheet HTML 2Page - Renesas Technology Corp HSG1002 Datasheet HTML 3Page - Renesas Technology Corp HSG1002 Datasheet HTML 4Page - Renesas Technology Corp HSG1002 Datasheet HTML 5Page - Renesas Technology Corp HSG1002 Datasheet HTML 6Page - Renesas Technology Corp HSG1002 Datasheet HTML 7Page - Renesas Technology Corp HSG1002 Datasheet HTML 8Page - Renesas Technology Corp HSG1002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 3 of 37
Main Characteristics
500
400
300
200
100
50
100
150
300
250
200
150
100
50
0
0
1
2
3
0.20
0.15
0.10
0.05
200
0
0
35
30
25
20
15
10
5
12
3
f=1MHz
45
40
35
30
25
20
15
10
5
0
1
10
100
30
25
20
15
10
5
0
1
10
100
VCE=3V
VCE=1V
VCE=2V
VCE=2V
VCE=1V
VCE=3V
MSG
S21
0.1
1
10
100
Ambient Temperature
Ta (°C)
Collector Power Dissipation Curve
Collector to Emitter Voltage
VCE (V)
Typical Output Characteristics
Collector Current
IC (mA)
DC Current Transfer Ratio vs.
Collector Current
Reverse Transfer Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
f=1GHz
VCE=1V
f=1.8GHz
Gain Bandwidth Product vs.
Collector Current
Collector Current
IC (mA)
Collector Current
IC (mA)
160 uA
180 uA
200 uA
Value on PCB
(FR-4: 40 x 40 x 1.6 mm
Double side)
|S21|
2,MSG, vs. Collector Current
IB = 20 uA
40 uA
60 uA
80 uA
100 uA
120 uA
140 uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com