Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCTWA35N65G2V Datasheet(PDF) 4 Page - STMicroelectronics

Part # SCTWA35N65G2V
Description  Silicon carbide Power MOSFET 650 V, 55 mΩ typ., 45 A in an HiP247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCTWA35N65G2V Datasheet(HTML) 4 Page - STMicroelectronics

  SCTWA35N65G2V Datasheet HTML 1Page - STMicroelectronics SCTWA35N65G2V Datasheet HTML 2Page - STMicroelectronics SCTWA35N65G2V Datasheet HTML 3Page - STMicroelectronics SCTWA35N65G2V Datasheet HTML 4Page - STMicroelectronics SCTWA35N65G2V Datasheet HTML 5Page - STMicroelectronics SCTWA35N65G2V Datasheet HTML 6Page - STMicroelectronics SCTWA35N65G2V Datasheet HTML 7Page - STMicroelectronics SCTWA35N65G2V Datasheet HTML 8Page - STMicroelectronics SCTWA35N65G2V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Table 7. Reverse diode characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
Forward on voltage
VGS = 0 V, IF = 20 A,
-
3.3
-
V
trr
Reverse recovery time
VDD = 400 V, IF = 20 A, di/dt = 1000 A/µs
-
18
-
ns
Qrr
Reverse recovery charge
-
85
-
nC
IRRM
Reverse recovery current
-
7
-
A
SCTWA35N65G2V
Electrical characteristics
DS12081 - Rev 3
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com