Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2369 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMBT2369
Description  Surface Mount Si-Epi-Planar Switching Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT2369 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBT2369 Datasheet HTML 1Page - Diotec Semiconductor MMBT2369 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBT2369 / MMBT2369A
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Base-Emitter saturation voltage – Basis-Emitter-Sättigungsspannung 2)
IC = 10 mA, IB = 1 mA
IC = 10 mA, IB = 1 mA, Tj = -55°C
IC = 30 mA, IB = 3 mA
IC = 100 mA, IB = 10 mA
MMBT2369A
VBEsat
VBEsat
VBEsat
VBEsat
0.7 V
–
–
–
–
–
–
–
0.85 V
1.02 V
1.15 V
1.60 V
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 20 V, (E open)
VCB = 20 V, Tj = 125°C, (E open)
ICBO
ICBO
–
–
–
–
0.4 µA
30 µA
Collector-Emitter cutoff current – Kollektor-Emitter-Reststrom
VCE = 20 V, (B-E short)
MMBT2369A
ICES
–
–
0.4 µA
Collector-Emitter breakdown voltage
IC = 10 µA
V(BR)CES
40 V
–
–
Collector-Emitter breakdown voltage 2)IC = 10 mA
V(BR)CEO
15 V
–
–
Collector-Base breakdown voltage
IC = 10 µA
V(BR)CBO
40 V
–
–
Emitter-Base-breakdown voltage
IC = 10 µA
V(BR)EBO
4.5 V
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 5 V, IE = ie = 0, f = 1 MHz
CCBO
––
4 pF
Small signal current gain – Kleinsignal-Stromverstärkung
VCE = 10 V, IC = 10 mA, f = 100 MHz
hfe
5–
–
Switching times – Schaltzeiten
storage time
IB1 = IB2 = IC = 10 mA
ts
–
5 ns
13 ns
turn-on time
VCC = 3 V, IC = 10 mA,
IB1 = 3 mA
ton
–
8 ns
12 ns
turn-off time
VCC = 3 V, IC = 10 mA
IB1 = 3 mA, IB2 = 1.5 mA
toff
–
10 ns
18 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
Marking - Stempelung
MMBT2369 = 1J
MMBT2369A = 1JA
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com