Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5550 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMBT5550
Description  Surface Mount General Purpose Si-Epi-Planar Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT5550 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBT5550 Datasheet HTML 1Page - Diotec Semiconductor MMBT5550 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBT5550 / MMBT5551
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Base-Emitter saturation voltage – Basis-Emitter-Sättigungsspannung 2)
IC = 10 mA, IB = 1 mA
MMBT5550
MMBT5551
VBEsat
VBEsat
–
–
–
–
1.0 V
1.0 V
IC = 50 mA, IB = 5 mA
MMBT5550
MMBT5551
VBEsat
VBEsat
–
–
–
–
1.2 V
1.0 V
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 100 V, (E open)
VCB = 120 V, (E open)
MMBT5550
MMBT5551
ICBO
ICBO
–
–
–
–
100 nA
50 nA
VCB = 100 V, Tj = 100°C, (E open)
VCB = 120 V, Tj = 100°C, (E open)
MMBT5550
MMBT5551
ICBO
ICBO
–
–
–
–
100 µA
50 µA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
VEB = 4 V, (C open)
IEBO
–
–
50 nA
Gain-Bandwidth Product – Transitfrequenz
IC = 10 mA, VCE = 10 V, f = 100 MHz
fT
100 MHz
–
300 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 10 V, IE = ie = 0, f = 1 MHz
CCBO
––
6 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEBO
–
–
30 pf
Noise figure – Rauschzahl
VCE = 5 V, IC = 200 µA, RG = 2 kΩ,
f = 30 Hz ... 15 kHz
MMBT5550
MMBT5551
F
F
–
–
–
–
10 dB
8 dB
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
MMBT5400 / MMBT5401
Marking - Stempelung
MMBT5550 = 1F
MMBT5551 = 3S
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com