Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT12A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT12A
Description  212 Series of Encoders
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT12A Datasheet HTML 1Page - Holtek Semiconductor Inc HT12A Datasheet HTML 2Page - Holtek Semiconductor Inc HT12A Datasheet HTML 3Page - Holtek Semiconductor Inc HT12A Datasheet HTML 4Page - Holtek Semiconductor Inc HT12A Datasheet HTML 5Page - Holtek Semiconductor Inc HT12A Datasheet HTML 6Page - Holtek Semiconductor Inc HT12A Datasheet HTML 7Page - Holtek Semiconductor Inc HT12A Datasheet HTML 8Page - Holtek Semiconductor Inc HT12A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Description
Pin Name
I/O
Internal
Connection
Description
A0~A7
I
CMOS IN Pull-high
(HT12A)
Input pins for address A0~A7 setting
These pins can be externally set to VSS or left open
NMOS TRANSMISSION
GATE PROTECTION
DIODE (HT12E)
AD8~AD11
I
NMOS TRANSMISSION
GATE PROTECTION
DIODE (HT12E)
Input pins for address/data AD8~AD11 setting
These pins can be externally set to VSS or left open
D8~D11
I
CMOS IN Pull-high
Input pins for data D8~D11 setting and transmission enable, active
low
These pins should be externally set to VSS or left open (see Note)
DOUT
O
CMOS OUT
Encoder data serial transmission output
L/M
I
CMOS IN Pull-high
Latch/Momentary transmission format selection pin:
Latch: Floating or VDD
Momentary: VSS
TE
I
CMOS IN Pull-high
Transmission enable, active low (see Note)
OSC1
I
OSCILLATOR 1
Oscillator input pin
OSC2
O
OSCILLATOR 1
Oscillator output pin
X1
I
OSCILLATOR 2
455kHz resonator oscillator input
X2
O
OSCILLATOR 2
455kHz resonator oscillator output
VSS
I
¾
Negative power supply, ground
VDD
I
¾
Positive power supply
Note:
D8~D11 are all data input and transmission enable pins of the HT12A.
TE is a transmission enable pin of the HT12E.
Approximate Internal Connections
HT12A/HT12E
Rev. 1.10
3
January 24, 2003
N M O S
T R A N S M I S S I O N
G A T E
C M O S I N
P u l l - h i g h
C M O S O U T
O S C I L L A T O R 1
O S C 2
O S C 1
O S C I L L A T O R 2
X 1
X 2
E N
N M O S T R A N S M I S S I O N G A T E
P R O T E C T I O N D I O D E
V D D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com