Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P600B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # P600B
Description  Si-Rectifiers - Si-Gleichrichter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P600B Datasheet(HTML) 1 Page - Diotec Semiconductor

  P600B Datasheet HTML 1Page - Diotec Semiconductor P600B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P600A ... P600S
P600A ... P600S
Si-Rectifiers – Si-Gleichrichter
Version 2006-01-25
Dimensions - Maße [mm]
Nominal Current
Nennstrom
6 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1200 V
Plastic case
Kunststoffgehäuse
Ø 8 x 7.5 [mm]
P600 Style
Weight approx.
Gewicht ca.
1.3 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
P600A
50
50
P600B
100
100
P600D
200
200
P600G
400
400
P600J
600
600
P600K
800
800
P600M
1000
1000
P600S
1200
1200
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 50°C
IFAV
6 A 1)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
60 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
400/450 A
Rating for fusing, Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
800 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Ø
±0.05
1.2
Ø
±0.1
8


Similar Part No. - P600B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P600B PANJIT-P600B Datasheet
50Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Transys Electronics
P600B TRSYS-P600B Datasheet
144Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
P600B WTE-P600B Datasheet
36Kb / 3P
6.0A SILICON RECTIFIER
logo
Semtech Corporation
P600B SEMTECH-P600B Datasheet
127Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Dc Components
P600B DCCOM-P600B Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - P600B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYW27-50 DIOTEC-BYW27-50_07 Datasheet
100Kb / 2P
Si-Rectifiers - Si-Gleichrichter
1N5400 DIOTEC-1N5400_07 Datasheet
61Kb / 2P
Si-Rectifiers - Si-Gleichrichter
1N5400K DIOTEC-1N5400K_07 Datasheet
100Kb / 2P
Si-Rectifiers - Si-Gleichrichter
BY550-50 DIOTEC-BY550-50_07 Datasheet
62Kb / 2P
Si-Rectifiers -Si-Gleichrichter
BY500-50 DIOTEC-BY500-50_07 Datasheet
58Kb / 2P
Fast Si-Rectifiers -Schnelle Si-Gleichrichter
BY396 DIOTEC-BY396_07 Datasheet
58Kb / 2P
Fast Si-Rectifiers - Schnelle Si-Gleichrichter
BY296 DIOTEC-BY296_07 Datasheet
57Kb / 2P
Fast Si-Rectifiers - Schnelle Si-Gleichrichter
BY251 DIOTEC-BY251_07 Datasheet
63Kb / 2P
Si-Rectifiers - Si-Gleichrichter
BY133 DIOTEC-BY133_07 Datasheet
100Kb / 2P
Si-Rectifiers - Si-Gleichrichter
UF600A DIOTEC-UF600A_07 Datasheet
62Kb / 2P
Ultrafast Switching Si-Rectifiers - Ultraschnelle Si-Gleichrichter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com