Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6012 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT6012
Description  312 Series of Encoders
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6012 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT6012 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HT6010/HT6012/HT6014
3
12 Series of Encoders
Selection Table
Function
Address
No.
Address/
Data No.
Data
No.
Oscillator
Trigger
LED
Indicator
Package
Part No.
HT6010
8
4
0
RC oscillator
TE
No
18DIP, 20SOP
HT6012
10
0
2
RC oscillator
D10~D11
Yes
18DIP, 20SOP
HT6014
8
0
4
RC oscillator
D8~D11
Yes
18DIP, 20SOP
Note:
Address/Data represents pins that can be either address or data according to the application requirement.
Rev. 1.20
1
September 9, 2003
General Description
The 3
12 encoders are a series of CMOS LSIs for remote
control system applications. They are capable of encod-
ing 12 bits of information which consists of N address
bits and 12
-N data bits. Each address/data input is ex-
ternally trinary programmable if bonded out. They are
otherwise set floating internally. Various packages of
the 3
12 encoders offer flexible combinations of pro-
grammable address/data which meet various appli-
cations. The programmable address/data is transmitted
together with the header bits via an RF or an infrared
transmission medium upon receipt of a trigger signal. A TE
(HT6010) or a DATA (HT6012/HT6014) trigger can be
selected for application flexibility.
Features
· Operating voltage: 2.4V~12V
· Low power and high noise immunity CMOS
technology
· Low standby current
· Minimum transmission word
- Four words for TE trigger
- One word for Data trigger
· Built-in oscillator needs only 5% resistor
· Easy interface with an RF or an infrared transmission
medium
· Minimal external components
· Pair with Holtek¢s3
12 series of decoders
· 18-pin DIP, 20-pin SOP package
Applications
· Burglar alarm system
· Smoke and fire alarm system
· Garage door controllers
· Car door controllers
· Car alarm system
· Security system
· Cordless telephones
· Other remote control systems


Similar Part No. - HT6012

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6012 HOLTEK-HT6012 Datasheet
121Kb / 11P
312 Series of Encoders
December 13, 1999
More results

Similar Description - HT6012

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12A HOLTEK-HT12A Datasheet
141Kb / 13P
Series of Encoders
April 11, 2000
HT600 HOLTEK-HT600 Datasheet
130Kb / 11P
318 Series of Encoders
April 24, 2000
HT6010 HOLTEK-HT6010 Datasheet
121Kb / 11P
312 Series of Encoders
December 13, 1999
HT6030 HOLTEK-HT6030 Datasheet
106Kb / 10P
312 Series of Decoders
December 13, 1999
HT640 HOLTEK-HT640 Datasheet
155Kb / 12P
3(18) Series of Encoders
July 8, 1999
HT12A HOLTEK-HT12A_03 Datasheet
165Kb / 14P
212 Series of Encoders
January 24, 2003
HT600 HOLTEK-HT600_03 Datasheet
168Kb / 15P
318 Series of Encoders
January 24, 2003
logo
KODENSHI_AUK CORP.
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
ENCODERS
KE-2E10 KODENSHI-KE-2E10 Datasheet
177Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com