Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7682A Datasheet(PDF) 13 Page - Exar Corporation

Part # SP7682A
Description  Backlight and Flash Driver in QFN 3mm x 3mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7682A Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP7682A Datasheet HTML 9Page - Exar Corporation SP7682A Datasheet HTML 10Page - Exar Corporation SP7682A Datasheet HTML 11Page - Exar Corporation SP7682A Datasheet HTML 12Page - Exar Corporation SP7682A Datasheet HTML 13Page - Exar Corporation SP7682A Datasheet HTML 14Page - Exar Corporation SP7682A Datasheet HTML 15Page - Exar Corporation SP7682A Datasheet HTML 16Page - Exar Corporation SP7682A Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Sept 27-07 rev G
SP7682: Backlight and Flash Driver
© 2007 Exar Corporation
Page 13
The following table defines the states for bits PMP0 and
PMP1. These bits can be used to set the operating
mode for the internal charge pump.
PMP0
PMP1
State
0
0
Automatic mode detection.
0
1
1x mode only. 1.5x and 2x
modes are prohibited
1
0
1.5x mode only. 1x and 2x
modes are prohibited.
1
1
1x or 1.5x mode auto detection.
2x mode is prohibited.
The following table defines the states for bits LED0 to
LED3. These bits can be used to turn LEDs On or OFF.
LED0
LED1
LED2
LED3
State
1
0
0
0
LED0 OFF, other
LEDs ON.
0
1
0
0
LED1 OFF, other
LEDs ON.
0
0
1
0
LED2 OFF, other
LEDs ON.
0
0
0
1
LED3 OFF, other
LEDs ON.
The following table defines the states for bits WZ and
WP. These bits can be used to put the SP7682 into
shutdown, standby or active.
WZ
WP
State
0
0
Shutdown, data registers are reset
to 000000
0
1
Shutdown,
data
registers
are
unchanged
1
0
Standby. Output current is zero, data
registers are unchanged.
1
1
Active. Output current corresponds
to the register contents
The following table defines the states for bits TOUT0 and
TOUT1.
These bits can be used to adjust current
threshold for the time-out feature in Flash mode.
TOUT0
TOUT1
State
0
0
Time-out disabled
0
1
Timeout enabled for 110mA
and above
1
0
Timeout enabled for 160mA
and above
1
1
Timeout enabled for 230mA
and above
The following table defines the states for bits TD0 and TD1.
These bits can be used to adjust time-out delay for the
time-out feature in Flash mode.
TD0
TD1
State
0
0
4s
0
1
2s
1
0
1s
1
1
0.5s
Addressing and Writing Data to the SP7682
To write data to the SP7682 one of the following two
cycles must be obeyed:
Easy shutdown/startup sequence
[
Slave Address with write bit][Data for Status]
Full shutdown/startup sequence
[
Slave Address with write bit][Data for Status1][Data for
Status2][Data for LEDs][Data for FLASH]
Addressing and Reading Data from the SP7682
To read data from the SP7682 the following data cycle
must be obeyed:
[
Slave Address with read bit][Data for Status1][Data for
Status2][Data
for
LEDs][Data
for
FLASH]
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com