Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT1600D Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # PCT1600D
Description  Silicon Rectifiers - Common Cathode Silizium-Gleichrichter - Gemeinsame Kathode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

PCT1600D Datasheet(HTML) 1 Page - Diotec Semiconductor

  PCT1600D Datasheet HTML 1Page - Diotec Semiconductor PCT1600D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCT1600A ... PCT1600M
PCT1600A ... PCT1600M
Silicon Rectifiers – Common Cathode
Silizium-Gleichrichter – Gemeinsame Kathode
Version 2007-07-06
Dimensions - Maße [mm]
Nominal current
Nennstrom
16 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1000 V
Plastic case
Kunststoffgehäuse
TO-220AB
Weight approx.
Gewicht ca.
1.8 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V] 1)
Forward voltage
Durchlass-Spannung
VF [V] 1), Tj = 25°C
IF = 5 A
IF = 8 A
PCT1600A
50
50
< 1.0
< 1.1
PCT1600B
100
100
< 1.0
< 1.1
PCT1600D
200
200
< 1.0
< 1.1
PCT1600G
400
400
< 1.0
< 1.1
PCT1600J
600
600
< 1.0
< 1.1
PCT1600K
800
800
< 1.0
< 1.1
PCT1600M
1000
1000
< 1.0
< 1.1
Max. average forward current, R-load
Dauergrenzstrom mit R-Last
TC = 100°C
TC = 100°C
IFAV
IFAV
8 A 1)
16 A 2)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
30 A 3)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
135/150 A 1)
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
90 A2s 1)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+175°C
1
Per diode – Pro Diode
2
Per device (parallel operation) − Pro Bauteil (Parallelbetrieb)
3
Max. temperature of the case TC = 100°C – Max. Temperatur des Gehäuses TC = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
4
3
2
1
4
3
2
1
Type
Typ
3.8
2.54
0.9
1.5
10
±0.2


Similar Part No. - PCT1600D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PCT1600D DIOTEC-PCT1600D Datasheet
121Kb / 2P
Silicon Rectifier Diodes . Common Cathode
PCT1600D DIOTEC-PCT1600D Datasheet
121Kb / 2P
Silicon Rectifier Diodes - Common Cathode
More results

Similar Description - PCT1600D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PT800A DIOTEC-PT800A Datasheet
112Kb / 2P
Silicon Rectifiers - Single Diode Silizium-Gleichrichter - Einzeldiode
B40D2A DIOTEC-B40D2A Datasheet
115Kb / 2P
Silicon-Bridge-Rectifiers Silizium-Bruckengleichrichter
BY251 DIOTEC-BY251_07 Datasheet
63Kb / 2P
Si-Rectifiers - Si-Gleichrichter
D-BYW36 DIOTEC-D-BYW36 Datasheet
76Kb / 2P
Fast Silicon Rectifiers Schnelle Si-Gleichrichter
P1000A DIOTEC-P1000A_07 Datasheet
62Kb / 2P
Silicon-Rectifiers -Silizium-Gleichrichter
SBCT2020 DIOTEC-SBCT2020 Datasheet
119Kb / 2P
Schottky Barrier Rectifiers - Common Cathode
SBCT1020 DIOTEC-SBCT1020 Datasheet
113Kb / 2P
Schottky Barrier Rectifiers - Common Cathode
logo
Central Semiconductor C...
CRSH16D CENTRAL-CRSH16D Datasheet
368Kb / 3P
DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS
CZR1-04C CENTRAL-CZR1-04C_15 Datasheet
370Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON RECTIFIERS
logo
Diotec Semiconductor
BY206 DIOTEC-BY206 Datasheet
131Kb / 2P
Fast Silicon Rectifiers / Schnelle Silizium Gleichrichter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com