Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YAS525B Datasheet(PDF) 2 Page - YAMAHA CORPORATION

Part # YAS525B
Description  MS-1C Magnetic field Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YAS525B Datasheet(HTML) 2 Page - YAMAHA CORPORATION

  YAS525B Datasheet HTML 1Page - YAMAHA CORPORATION YAS525B Datasheet HTML 2Page - YAMAHA CORPORATION YAS525B Datasheet HTML 3Page - YAMAHA CORPORATION YAS525B Datasheet HTML 4Page - YAMAHA CORPORATION YAS525B Datasheet HTML 5Page - YAMAHA CORPORATION YAS525B Datasheet HTML 6Page - YAMAHA CORPORATION YAS525B Datasheet HTML 7Page - YAMAHA CORPORATION YAS525B Datasheet HTML 8Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
YAS525B
2
Pin Description
Here is a figure for pin assignment and a table for pin descriptions.
1
7
5
3
4
6
8
2
1
7
5
3
4
6
8
2
8Pin WLCSP Top View
8Pin WLCSP Bottom View
Pin Descriptions
Pin No.
Name
I/O
Function
1
T2
I+
Test input
(Use in non-connection)
2
VSS
-
Ground
3
T1
I+
Test mode
(Use in non-connection)
4
SCL
Is
Serial Clock
5
NC
-
Non-connection
6
VDD
-
Power supply
(typ 3V)
7
NC
-
Non-connection
8
SDA
Is/Od
Serial data
Note: Pin 1 and pin 3 are used in non-connection.
Pin 5 is connected to pin 7 in the chip.
I+ : Input with pull-up resistor
Is
: Schmitt trigger input
Od : Open drain output
Pin Functions
Power Supply (VDD, VSS)
These pins are for power supply of YAS525B.
Serial Data Interface (SCL, SDA)
SCL - Serial clock input pin.
This pin is used with an external pull-up register.
SDA - Serial data input/output pin.
This pin is used with an external pull-up register.
Others (T1, T2)
T1
-
Test mode control pin.
Use this pin in non-connection.
T2
-
Test input pin.
Use this pin in non-connection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com