Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YDA131 Datasheet(PDF) 2 Page - YAMAHA CORPORATION

Part # YDA131
Description  D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA131 Datasheet(HTML) 2 Page - YAMAHA CORPORATION

  YDA131 Datasheet HTML 1Page - YAMAHA CORPORATION YDA131 Datasheet HTML 2Page - YAMAHA CORPORATION YDA131 Datasheet HTML 3Page - YAMAHA CORPORATION YDA131 Datasheet HTML 4Page - YAMAHA CORPORATION YDA131 Datasheet HTML 5Page - YAMAHA CORPORATION YDA131 Datasheet HTML 6Page - YAMAHA CORPORATION YDA131 Datasheet HTML 7Page - YAMAHA CORPORATION YDA131 Datasheet HTML 8Page - YAMAHA CORPORATION YDA131 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
YDA131
2
■
Terminal configuration
■
Terminal function
No.
Name
I/O
Function
1
VPL
AO
Lch gain control
2
INL
AI
Lch audio input
3
VREFL
AO
Lch voltage reference
4
VSSL
-
VSS for analog circuit of Lch
5
VDDL
-
VDD for analog circuit of Lch
6
VSS
-
VSS for control circuit and protection circuit
7
PROT
O
Warning output for protection function
8
VDDR
-
VDD for analog circuit of Rch
9
VSSR
-
VSS for analog circuit of Rch
10
VREFR
AO
Rch voltage reference
11
INR
AI
Rch audio input
12
VPR
AO
Rch gain control
13
MUTE
I
Output shut off control
14
VSSPR
-
VSS for output buffer of Rch
15
VDDPR
-
VDD for output buffer of Rch
16
OUTMR
O
Negative output of Rch
17
VSSPR
-
VSS for output buffer of Rch
18
OUTPR
O
Positive output of Rch
19
OUTPL
O
Positive output of Lch
20
VSSPL
-
VSS for output buffer of Lch
21
OUTML
O
Negative output of Lch
22
VDDPL
-
VDD for output buffer of Lch
23
VSSPL
-
VSS for output buffer of Lch
24
SLEEP
I
Operation shut off control
Note. A: Analog terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com