Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YDA142 Datasheet(PDF) 3 Page - YAMAHA CORPORATION

Part # YDA142
Description  D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA142 Datasheet(HTML) 3 Page - YAMAHA CORPORATION

  YDA142 Datasheet HTML 1Page - YAMAHA CORPORATION YDA142 Datasheet HTML 2Page - YAMAHA CORPORATION YDA142 Datasheet HTML 3Page - YAMAHA CORPORATION YDA142 Datasheet HTML 4Page - YAMAHA CORPORATION YDA142 Datasheet HTML 5Page - YAMAHA CORPORATION YDA142 Datasheet HTML 6Page - YAMAHA CORPORATION YDA142 Datasheet HTML 7Page - YAMAHA CORPORATION YDA142 Datasheet HTML 8Page - YAMAHA CORPORATION YDA142 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
YDA142
3
■
Terminal function
No.
Name
I/O
Function
Voltage
tolerance
1
VREF
O
Analog reference voltage output
LV
2
AVSS
GND
Ground terminal for analog circuits
-
3
VSSBGR
GND
Ground terminal for analog circuits
-
4
GAINA
I
Analog gain setting terminal
LV
5
LINEOUTL
O
Lch Line output terminal
LV
6
LINEOUTR
O
Rch Line output terminal
LV
7
NC
-
Normally, use this terminal in no-connection
-
8
PVSSR
GND
Ground terminal
-
9
PVSSR
GND
Ground terminal
-
10
PVDDR
Power
12V power supply terminal
HV
11
OUTPR
O
Rch positive side output terminal
HV
12
OUTPR
O
Rch positive side output terminal
HV
13
PVSSR
GND
Ground terminal
-
14
PVSSR
GND
Ground terminal
-
15
OUTMR
O
Rch negative side output terminal
HV
16
OUTMR
O
Rch negative side output terminal
HV
17
PVDDR
Power
12V power supply terminal
HV
18
PVSSR
GND
Ground terminal
-
19
PVSSR
GND
Ground terminal
-
20
NC
-
Normally, use this terminal in no-connection
-
21
MUTEN
I
Output disable control terminal
LV
22
MONO
I
Monaural control terminal
LV
23
DVSS
GND
Ground terminal for digital circuits
-
24
SDIN
I
Serial audio data signal input
LV
25
LRCLK
I
Serial LR clock signal input
LV
26
SCLK
I
Serial bit clock signal input
LV
27
MODE0
I
Mode setting terminal 0
LV
28
MODE1
I
Mode setting terminal 1
LV
29
GAIN0
I
Volume setting terminal 0
LV
30
GAIN1
I
Volume setting terminal 1
LV
31
GAIN2
I
Volume setting terminal 2
LV
32
FSSEL
I
Sampling frequency setting terminal
LV
33
BITSEL
I
16bit/18bit setting terminal
LV
34
PVSSL
GND
Ground terminal
-
35
PVSSL
GND
Ground terminal
-
36
PVDDL
Power
12V power supply terminal
HV
37
OUTML
O
Lch negative side output terminal
HV
38
OUTML
O
Lch negative side output terminal
HV
39
PVSSL
GND
Ground terminal
-
40
PVSSL
GND
Ground terminal
-
41
OUTPL
O
Lch positive side output terminal
HV
42
OUTPL
O
Lch positive side output terminal
HV
43
PVDDL
Power
12V power supply terminal
HV
44
PVSSL
GND
Ground terminal
-
45
PVSSL
GND
Ground terminal
-
46
NC
-
Normally, use this terminal in no-connection
-
47
NC
-
Normally, use this terminal in no-connection
-
48
SLEEPN
I
Power-down control terminal
HV
49
PROTN
O/D
Unusual condition warning output terminal
HV
50
PVDDREG
Power
12V power supply terminal for analog circuits
HV
51
REFA
O
5V reference voltage output terminal
LV
52
DVDD
I
5V reference voltage input terminal
LV
(
Note) I: Input terminal, O: Output terminal, O/D: Open drain output terminal
LV: Terminal for VREG power supply voltage range as input voltage range.
HV: Terminal for VDDP power supply voltage range as input voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com