Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R34 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT45R34
Description  C/R to F Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R34 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT45R34 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
HT45R34
Rev. 1.20
8
October 15, 2007
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions. The ALU provides the following functions:
· Arithmetic operations
- ADD, ADC, SUB, SBC, DAA
· Logic operations
- AND, OR, XOR, CPL
· Rotation
- RL, RR, RLC, RRC
· Increment and Decrement
- INC, DEC
· Branch decision
- SZ, SNZ, SIZ, SDZ ....
The ALU not only saves the results of a data operation
but also changes the status register.
Status Register
- STATUS
This 8-bit register contains the zero flag (Z), carry flag
(C), auxiliary carry flag (AC), overflow flag (OV), power
down flag (PDF), and watchdog time-out flag (TO). It
also records the status information and controls the op-
eration sequence.
With the exception of the TO and PDF flags, bits in the
status register can be altered by instructions like most
other registers. Any data written into the status register
will not change the TO or PDF flag. In addition opera-
tions related to the status register may give different re-
sults from those intended. The TO flag can be affected
only by a system power-up, a WDT time-out or execut-
ing the
²CLR WDT² or ²HALT² instruction.
The PDF flag can be affected only by executing a
²HALT² or ²CLR WDT² instruction or a system
power-up.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on entering the interrupt sequence or exe-
cuting the subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status are important and if the subroutine can cor-
rupt the status register, precautions must be taken to
save it properly.
Interrupt
The devices provides two external interrupts, one inter-
nal 8-bit timer/event counter interrupt and one external
RC oscillation converter interrupt. The interrupt control
register 0, INTC0, and interrupt control register 1,
INTC1, both contain the interrupt control bits that are
used to set the enable/disable and interrupt request
flags.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked, as the EMI bit will be cleared au-
tomatically. However this scheme may prevent further
interrupt nesting. Other interrupt requests may happen
during this interval but only the interrupt request flag is
recorded. If a certain interrupt requires servicing within
the service routine, the EMI bit and the corresponding
bit of the INTC0 and INTC1 registers may be set to allow
interrupt nesting.
If the stack is full, the interrupt request will not be ac-
knowledged, even if the related interrupt is enabled, un-
til the Stack Pointer is decremented. If immediate
service is desired, the stack must be prevented from be-
coming full.
All interrupts have a wake-up capability. As an interrupt
is serviced, a control transfer occurs by pushing the pro-
gram counter onto the stack, followed by a branch to a
subroutine at a specified location in the program mem-
ory. Only the program counter is pushed onto the stack.
If the contents of the accumulator or status register are
altered by the interrupt service program, this may cor-
rupt the desired control sequence, therefore their con-
tents should be saved in advance.
External interrupts are triggered by an edge transition
on pins INT0 or INT1. A configuration option enables
these pins as interrupts and selects if they are active on
high to low or low to high transitions. If active their re-
lated interrupt request flag, EIF0; bit 4 in INTC0, and
EIF1; bit 5 in INTC0, will be set. After the interrupt is en-
Bit No.
Label
Function
0C
C is set if the operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate
through carry instruction.
1AC
AC is set if the operation results in a carry out of the low nibbles in addition or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared.
3OV
OV is set if the operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared by system power-up or executing the
²CLR WDT² instruction.
PDF is set by executing the
²HALT² instruction.
5TO
TO is cleared by system power-up or executing the
²CLR WDT² or ²HALT² instruction.
TO is set by a WDT time-out.
6~7
¾
Unused bit, read as
²0²
Status (0AH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com