Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R38 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT45R38
Description  C/R to F Type 8-Bit OTP MCU
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R38 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT45R38 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Pin Name
I/O
Options
Description
VSS
¾¾
Negative power supply, ground
VSSC
¾¾
Negative power supply for PC, ground
VDD
¾¾
Positive power supply
VDDB
¾¾
Positive power supply PB
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an RC network or Crystal determined by a
configuration option, for the internal system clock. In the case of the RC os-
cillator, OSC2 can be used to monitor the system clock. Its frequency is 1/4
system clock.
Note: *All pull-high resistors are controlled by an option bit.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................300mA
IOH Total............................................................
-200mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
35
mA
IDD2
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=8MHz
¾
48
mA
ISTB1
Standby Current (WDT Enabled)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
ISTB2
Standby Current (WDT Disabled)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
VIL1
Input Low Voltage for I/O Ports,
TMR0, TMR1, INT0 and INT1
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR0, TMR1, INT0 and INT1
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset
¾ LVRenabled
2.7
3.0
3.3
V
IOL1
PA, PB, PE, RREF and CREF
Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
10
20
¾
mA
IOH1
PA, PC, PE, RREF and CREF
Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-10
¾
mA
HT45R38
Rev. 1.00
4
December 13, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com