Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R01 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT46R01
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT46R01 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
HT46R01/HT46R02/HT46R03
Rev. 1.00
28
September 21, 2007
A D C R R e g i s t e r
S e l e c t A / D c h a n n e l
b 7
b 0
S T A R T
P C R 2 P C R 1 P C R 0 A C S 2 A C S 1 A C S 0
A C S 1
0
0
1
1
X
A C S 2
0
0
0
0
1
A C S 0
0
1
0
1
X
: A N 0
: A N 1
: A N 2
: A N 3
: u n d e f i n e d , m u s t n o t b e u s e d
P o r t B A / D c h a n n e l c o n f i g u r a t i o n s
P C R 2
0
0
0
0
1
P C R 1
0
0
1
1
X
P C R 0
0
1
0
1
X
: P o r t B A / D c h a n n e l s - a l l o f f
: P B 0 e n a b l e d a s A N 0
: P B 0 ~ P B 1 e n a b l e d a s A N 0 ~ A N 1
: P B 0 ~ P B 2 e n a b l e d a s A N 0 ~ A N 2
: P B 0 ~ P B 3 e n a b l e d a s A N 0 ~ A N 3
E n d o f A / D c o n v e r s i o n f l a g
1 : n o t e n d o f A / D c o n v e r s i o n - A / D c o n v e r s i o n w a i t i n g o r i n p r o g r e s s
0 : e n d o f A / D c o n v e r s i o n - A / D c o n v e r s i o n e n d e d
S t a r t t h e A / D c o n v e r s i o n
0 ® 1 ® 0 : S t a r t
0 ® 1 : R e s e t A / D c o n v e r t e r a n d s e t E O C B t o " 1 "
E O C B
ADCR Register
A C S R R e g i s t e r
S e l e c t A / D c o n v e r t e r c l o c k s o u r c e
b 7
b 0
T E S T
A D C S 1 A D C S 0
A D C S 1
0
0
1
1
0
0
1
1
A D C S 0
0
1
0
1
0
1
0
1
: s y s t e m c l o c k / 2
: s y s t e m c l o c k / 8
: s y s t e m c l o c k / 3 2
: u n d e f i n e d
: s y s t e m c l o c k
: s y s t e m c l o c k / 4
: s y s t e m c l o c k / 1 6
: u n d e f i n e d
N o t i m p l e m e n t e d , r e a d a s " 0 "
F o r t e s t m o d e u s e o n l y
A D C S 2
A D C S 2
0
0
0
0
1
1
1
1
ACSR Register
fSYS
A/D Clock Period (tAD)/ADCS0~ADCS2
fSYS
100
fSYS/2
000
fSYS/4
101
fSYS/8
001
fSYS/16
110
fSYS/32
010
1MHz
1
ms2ms4ms8ms16ms32ms
2MHz
500ns*
1
ms2ms4ms8ms16ms
4MHz
250ns*
500ns*
1
ms2ms4ms8ms
8MHz
125ns*
250ns*
500ns*
1
ms2ms4ms
12MHz
62.5ns*
0.125ns*
250ns*
500ns*
1
ms2ms
A/D Clock Period Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com