Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN761633RTAR Datasheet(PDF) 21 Page - Texas Instruments

Part # SN761633RTAR
Description  FM STEREO RADIO WITH TRANSMITTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761633RTAR Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN761633RTAR Datasheet HTML 17Page - Texas Instruments SN761633RTAR Datasheet HTML 18Page - Texas Instruments SN761633RTAR Datasheet HTML 19Page - Texas Instruments SN761633RTAR Datasheet HTML 20Page - Texas Instruments SN761633RTAR Datasheet HTML 21Page - Texas Instruments SN761633RTAR Datasheet HTML 22Page - Texas Instruments SN761633RTAR Datasheet HTML 23Page - Texas Instruments SN761633RTAR Datasheet HTML 24Page - Texas Instruments SN761633RTAR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
–60
–50
–40
–30
–20
–10
0
10
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
120
RF Input Level (dB Vemf)
(A)
(C)
(B)
(D)
Conditions:
V
= 3 V, T = 25°C, 30 kHz LPF
0 dB = mVrms
HCC = 0 (off)
SNC = 0 (off)
MONO_ST = 0 (auto stereo)
TC = 75 s, CP = 2.5 A
f
= 98.1 MHz, upper LO
CC
A
RF
SN761633
FM STEREO RADIO
WITH TRANSMITTER
SLES210 – OCTOBER 2007
A.
Mono signal, soft mute off (fAF = 1 kHz, 22.5 kHz dev, 30%)
B.
Noise in mono mode, soft mute off
C.
Mono signal, soft mute on (fAF = 1 kHz, 22.5 kHz dev, 30%)
D.
Noise in mono mode, soft mute on
Figure 30. Rx-Mode FM Mono Characteristics (Soft Mute On/Off)
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): SN761633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com