Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5301 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5301
Description  Single, 150mA 關Cap ULDO?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5301 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5301 Datasheet HTML 1Page - Micrel Semiconductor MIC5301 Datasheet HTML 2Page - Micrel Semiconductor MIC5301 Datasheet HTML 3Page - Micrel Semiconductor MIC5301 Datasheet HTML 4Page - Micrel Semiconductor MIC5301 Datasheet HTML 5Page - Micrel Semiconductor MIC5301 Datasheet HTML 6Page - Micrel Semiconductor MIC5301 Datasheet HTML 7Page - Micrel Semiconductor MIC5301 Datasheet HTML 8Page - Micrel Semiconductor MIC5301 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC5301
November 2006
2
M9999-111506
Ordering Information
Part number
Marking
Code*
Output
Voltage**
Temperature Range
Package
MIC5301-2.85YML
2JC
2.85V
–40°C to +125°C
6-Pin 1.6 x 1.6 MLF
®
MIC5301YML
CAA
ADJ.
–40°C to +125°C
6-Pin 1.6 x 1.6 MLF
®
MIC5301-2.85YD5
QC2J
2.85V
–40°C to +125°C
5-Pin TSOT-23
MIC5301YD5
QCAA
ADJ.
–40°C to +125°C
5-Pin TSOT-23
Notes:
* Under bar / Over bar symbol may not be to scale.
** Other Voltages available. Contact Micrel for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com