Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1085V18 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LD1085V18
Description  3A Low drop positive voltage regulator adjustable and fixed
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085V18 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LD1085V18 Datasheet HTML 9Page - STMicroelectronics LD1085V18 Datasheet HTML 10Page - STMicroelectronics LD1085V18 Datasheet HTML 11Page - STMicroelectronics LD1085V18 Datasheet HTML 12Page - STMicroelectronics LD1085V18 Datasheet HTML 13Page - STMicroelectronics LD1085V18 Datasheet HTML 14Page - STMicroelectronics LD1085V18 Datasheet HTML 15Page - STMicroelectronics LD1085V18 Datasheet HTML 16Page - STMicroelectronics LD1085V18 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LD1085 series
Typical application
13/27
5
Typical application
(Unless otherwise specified TJ = 25°C, CI = CO = 10µF)
Figure 3.
Output voltage vs temperature
Figure 4.
Output voltage vs temperature
Figure 5.
Output voltage vs temperature
Figure 6.
Short circuit current vs dropout
voltage
Figure 7.
Line regulation vs temperature
Figure 8.
Load regulation vs temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com