Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV232FG Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV232FG
Description  Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232FG Datasheet(HTML) 3 Page - Supertex, Inc

  HV232FG Datasheet HTML 1Page - Supertex, Inc HV232FG Datasheet HTML 2Page - Supertex, Inc HV232FG Datasheet HTML 3Page - Supertex, Inc HV232FG Datasheet HTML 4Page - Supertex, Inc HV232FG Datasheet HTML 5Page - Supertex, Inc HV232FG Datasheet HTML 6Page - Supertex, Inc HV232FG Datasheet HTML 7Page - Supertex, Inc HV232FG Datasheet HTML 8Page - Supertex, Inc HV232FG Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
HV230/HV232
Electrical Characteristics
DC Characteristics (over recommended operating conditions unless otherwise noted)
30
26
38
48
I
SIG = 5mA
V
PP = 40V,
25
22
27
32
ISIG = 200mA VNN = -160V
Small Signal Switch (ON)
RONS
25
22
27
30
Ω
ISIG = 5mA
VPP = 100V,
Resistance
18
18
24
27
I
SIG = 200mA
V
NN = -100V
23
20
25
30
ISIG = 5mA
VPP = 160V,
22
16
25
27
ISIG = 200mA VNN = -40V
Small Signal Switch (ON)
∆R
ONS
20
5.0
20
20
%
I
SW = 5mA, VPP = 100V,
Resistance Matching
VNN = -100V
Large Signal Switch (ON)
RONL
15
Ω
VSIG = VPP - 10V, ISIG = 1A
Resistance
Output Switch Shunt
RINT
20
35
50
K
Ω
Output switch to RGND
Resistance
IRINT = 0.5mA
Switch Off Leakage
ISOL
5.0
1.0
10
15
µA
VSIG = VPP - 10V
Per Switch
DC Offset Switch Off
300
100
300
300
mV
No Load
DC Offset Switch On
500
100
500
500
mV
No Load
Pos. HV Supply Current
I
PPQ
10
50
µA
ALL SWs OFF
Neg. HV Supply Current
INNQ
-10
-50
µA
ALL SWs OFF
Pos. HV Supply Current
IPPQ
10
50
µA
ALL SWs ON, ISW = 5mA
Neg. HV Supply Current
I
NNQ
-10
-50
µA
ALL SWs ON, I
SW = 5mA
Switch Output
3.0
3.0
2.0
2.0
A
VSIG duty cycle - 0.1%
Peak Current
Output Switch Frequency
fSW
50
KHz
Duty Cycle = 50%
6.5
7.0
8.0
V
PP = 40V,
VNN = -160V
IPP Supply Current
IPP
4.0
5.0
5.5
mA
VPP = 100V,
VNN = -100V
4.0
5.0
5.5
V
PP = 160V,
VNN = -40V
6.5
7.0
8.0
VPP = 40V,
VNN = -160V
I
NN Supply Current
I
NN
4.0
5.0
5.5
mA
V
PP = 100V,
VNN = -100V
4.0
5.0
5.5
VPP = 160V,
VNN = -40V
Logic Supply
I
DD
4.0
4.0
4.0
mA
f
CLK = 5MHz, VDD = 5.0V
Average Current
Logic Supply
IDDQ
10
10
10
µA
Quiescent Current
Data Out Source Current
I
SOR
0.45
0.45
0.70
0.40
mA
V
OUT = VDD - 0.7V
Data Out Sink Current
ISINK
0.45
0.45
0.70
0.40
mA
VOUT = 0.7V
Logic Input Capacitance
CIN
10
10
10
pF
0°C
+25°C
+70°C
Characteristics
Sym
Units
Test Conditions
min
max
min
typ*
max
min
max
50KHz
Output
Switching
Frequency
with no
load
*Typical values only for HV232



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com