Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ44VZPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRFZ44VZPBF
Description  HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44VZPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFZ44VZPBF Datasheet HTML 5Page - International Rectifier IRFZ44VZPBF Datasheet HTML 6Page - International Rectifier IRFZ44VZPBF Datasheet HTML 7Page - International Rectifier IRFZ44VZPBF Datasheet HTML 8Page - International Rectifier IRFZ44VZPBF Datasheet HTML 9Page - International Rectifier IRFZ44VZPBF Datasheet HTML 10Page - International Rectifier IRFZ44VZPBF Datasheet HTML 11Page - International Rectifier IRFZ44VZPBF Datasheet HTML 12Page - International Rectifier IRFZ44VZPBF Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
IRFZ44VZS/LPbF
10
www.irf.com
N ote: "P " in as s em bly line
pos ition indicates "L ead-F ree"
F 530S
T H IS IS AN IR F 5 3 0 S W IT H
LOT COD E 8 0 24
AS S E M B L E D ON W W 02, 2000
IN T H E AS S E M B L Y L IN E "L "
AS S E M B L Y
LOT COD E
IN T E R N AT IO N AL
R E CT IF IE R
LO GO
PAR T N U M B E R
DAT E CODE
Y E AR 0 = 2000
WE E K 0 2
LIN E L
OR
F 530 S
A = AS S E M B L Y S IT E CO D E
WE E K 0 2
P = D E S IGN AT E S L E AD -F R E E
PR O D U CT (O P T IO N AL )
R E CT IF IE R
IN T E R N AT IO N AL
LO GO
LO T CO D E
AS S E M B L Y
Y E AR 0 = 2000
DAT E CO DE
PAR T N U M B E R
D2Pak Part Marking Information (Lead-Free)
D2Pak Package Outline
Dimensions are shown in millimeters (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com