Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV513K7-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV513K7-G
Description  8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV513K7-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV513K7-G Datasheet HTML 1Page - Supertex, Inc HV513K7-G Datasheet HTML 2Page - Supertex, Inc HV513K7-G Datasheet HTML 3Page - Supertex, Inc HV513K7-G Datasheet HTML 4Page - Supertex, Inc HV513K7-G Datasheet HTML 5Page - Supertex, Inc HV513K7-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings1
Supply Voltage, V
DD
-0.5V to 6V
Supply Voltage, V
PP
V
DD to 275V
Logic input levels
-0.5V to V
DD+0.5V
Ground current2
0.3A
High voltage supply current2
0.25A
Continuous total power dissipation3
750mW
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C +150°C
1. All voltages are referenced to GND.
2. Connection to all power and ground pads is required. Duty cycle is limited by
the total power dissipated in the package.
3.For operation above 25
°C ambient derate linearly to 85°C at 12mW/°C.
Device
Part Number
Package
HV513
HV513K7-G
32-Lead QFN
HV513
HV513WG
24-Lead SOW
HV513
HV513WG-G
24-Lead SOW
Ordering Information
B032306
HV513
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
C
D
)
d
e
t
o
n
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
s
e
g
a
tl
o
v
y
l
p
p
u
s
g
n
it
a
r
e
p
o
r
e
v
O
(
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
n
i
M
p
y
T
x
a
M
s
t
i
n
U
s
n
o
i
t
i
d
n
o
C
I
D
D
V
D
D
t
n
e
r
r
u
c
y
l
p
p
u
s
4
A
m
f
K
L
C
W
O
L
=
E
L
,
z
H
M
8
=
I
Q
D
D
V
t
n
e
c
s
e
i
u
Q
D
D
t
n
e
r
r
u
c
y
l
p
p
u
s
1
.
0
A
m
V
ll
A
N
I
V
=
D
D
0
.
2
V
ll
A
N
I
V
0
=
I
P
P
V
P
P
t
n
e
r
r
u
c
y
l
p
p
u
s
0
0
1
A
µ
V
P
P
f
,
V
0
5
2
=
T
U
O
d
a
o
l
o
n
,
z
H
0
0
3
=
I
Q
P
P
V
t
n
e
c
s
e
i
u
Q
P
P
t
n
e
r
r
u
c
y
l
p
p
u
s
0
0
1
A
µ
V
P
P
c
it
a
t
s
s
t
u
p
t
u
o
,
V
0
4
2
=
I
H
I
t
n
e
r
r
u
c
t
u
p
n
i
c
i
g
o
l
l
e
v
e
l-
h
g
i
H
0
1
A
µ
V
H
I
V
=
D
D
I
L
I
t
n
e
r
r
u
c
t
u
p
n
i
c
i
g
o
l
l
e
v
e
l-
w
o
L
0
1
-
A
µ
V
L
I
V
0
=
0
5
3
-
V
L
I
s
r
o
t
s
i
s
e
r
p
u
-l
l
u
p
/
w
s
t
u
p
n
i
r
o
f
,
V
0
=
V
H
O
t
u
p
t
u
o
l
e
v
e
l-
h
g
i
H
H
T
U
O
V
0
4
1
V
V
P
P
I
,
V
0
0
2
=
T
U
O
V
H
A
m
0
2
-
=
t
u
o
a
t
a
D
V
D
D
V
1
-
I
T
U
O
D
A
m
1
.
0
-
=
V
L
O
t
u
p
t
u
o
l
e
v
e
l-
w
o
L
H
T
U
O
V
0
6
V
V
D
D
I
,
V
5
.
4
=
T
U
O
V
H
A
m
0
2
=
t
u
o
a
t
a
D
0
.
1
I
T
U
O
D
A
m
1
.
0
=
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
C
A
)
d
e
t
o
n
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
s
e
g
a
tl
o
v
y
l
p
p
u
s
g
n
it
a
r
e
p
o
r
e
v
O
(
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
n
i
M
p
y
T
x
a
M
s
t
i
n
U
s
n
o
i
t
i
d
n
o
C
f
K
L
C
y
c
n
e
u
q
e
r
f
k
c
o
l
C
0
8
z
H
M
f
T
U
O
)
d
e
ti
m
il
A
O
S
(
y
c
n
e
u
q
e
r
f
g
n
i
h
c
ti
w
s
t
u
p
t
u
O
0
0
3
z
H
C
L
V
,
F
n
0
5
=
P
P
V
0
0
2
=
t
W
w
o
l
d
n
a
h
g
i
h
h
t
d
i
w
k
c
o
l
C
2
6
s
n
t
U
S
s
e
s
ir
k
c
o
l
c
e
r
o
f
e
b
e
m
it
p
u
t
e
s
a
t
a
D
5
1
s
n
t
H
s
e
s
ir
k
c
o
l
c
r
e
tf
a
e
m
it
d
l
o
h
a
t
a
D
0
3
s
n
t
E
L
W
e
s
l
u
p
e
l
b
a
n
e
h
c
t
a
l
f
o
h
t
d
i
W
0
8
s
n
t
E
L
D
k
c
o
l
c
f
o
e
g
d
e
g
n
i
s
ir
r
e
tf
a
e
m
it
y
a
l
e
d
E
L
5
3
s
n
t
E
L
S
k
c
o
l
c
f
o
e
g
d
e
g
n
i
s
ir
e
r
o
f
e
b
e
m
it
p
u
t
e
s
E
L
0
4
s
n
t
R
O
t
,
F
O
V
H
f
o
e
m
it
ll
a
f/
e
s
i
R
T
U
O
0
0
0
1
s
µ
C
L
V
,
F
n
0
0
1
=
P
P
V
0
0
2
=
t
F
F
O
/
N
O
d
ll
a
f/
e
s
ir
t
r
a
t
s
o
t
t
u
p
t
u
o
r
o
f
e
m
it
y
a
l
e
D
0
0
5
s
n
t
L
H
D
D
o
t
k
c
o
l
c
e
m
it
y
a
l
e
D
T
U
O
w
o
l
o
t
h
g
i
h
0
1
1
s
n
C
L
F
p
5
1
=
t
H
L
D
D
o
t
k
c
o
l
c
e
m
it
y
a
l
e
D
T
U
O
h
g
i
h
o
t
w
o
l
0
1
1
s
n
C
L
F
p
5
1
=
t
R t
,
F
s
t
u
p
n
i
c
i
g
o
l
ll
A
5
s
n
t
D
S
n
o
it
c
e
t
e
d
ti
u
c
ri
c
t
r
o
h
s
t
u
p
t
u
O
0
0
5
s
n
C
,
T
R
O
H
S
f
o
ll
a
f
t
u
p
t
u
o
o
t
t
r
o
h
S
L
F
p
5
1
=
t
C
S
r
a
e
l
c
ti
u
c
ri
c
t
r
o
h
s
t
u
p
t
u
O
0
0
0
3
s
n
T
R
O
H
S
f
o
e
s
ir
t
u
p
t
u
o
o
t
r
a
e
l
c
t
r
o
h
S
t
Z
-
I
H
e
t
a
t
s
Z
-
h
g
i
h
t
u
p
t
u
O
0
0
5
s
n
-G indicates package is RoHS compliant (‘Green’)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com