Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV809 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV809
Description  Off-Line, High Voltage EL Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV809 Datasheet(HTML) 2 Page - Supertex, Inc

  HV809 Datasheet HTML 1Page - Supertex, Inc HV809 Datasheet HTML 2Page - Supertex, Inc HV809 Datasheet HTML 3Page - Supertex, Inc HV809 Datasheet HTML 4Page - Supertex, Inc HV809 Datasheet HTML 5Page - Supertex, Inc HV809 Datasheet HTML 6Page - Supertex, Inc HV809 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV809
Ordering Information
Device
Package Options
8-Lead SO
8-Lead SO + Slug
7-Lead TO-220
HV809
HV809LG-G
HV809SG-G
HV809K2-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
HV
IN, Input voltage
+210V
V
DD, Internal logic voltage
+15V
Operating temperature Range
-25°C to +85°C
Storage temperature Range
-55°C to +150°C
Power dissipation:
SO-8
SO-8 + Slug
7-Lead TO-220
500mW
1.5 Watts
15Watts
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Electrical Characteristics
DC Characteristics (Over recommended operating conditions unless otherwise specified - T
A = 25°C)
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Pin Configurations
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
HVIN
VDD
Osc2
Osc1
HVIN
VDD
Osc2
Osc1
SO-8
(top view)
VA
VB
GND
REL-Osc
VA
VB
GND
REL-Osc
1 2 3 4 5 6
7
Pin 01: Osc1
Pin 02: VDD
Pin 03: REL-Osc
Pin 04: GND
Pin 05: VB
Pin 06: VA
Pin 07: HVIN
Tab:
GND
TO-220
SO-8 w/ Heat Slug
(top view,
Heat Slug Potential is at ground)
I
IN
High voltage supply current
--
70
mA
HV
IN = 170V, REL = 1.0MΩ,
C
L = 350nF
--
9.0
mA
HV
IN = 170V, REL = 1.0MΩ,
C
L = 50nF
I
INQ
Quiescent supply current
-
-
400
μA
HV
IN = 170V, REL-Osc = 1.0MΩ,
Osc1 = GND, No Load
--
100
μA
HV
IN = 170V, REL-osc = 1.0MΩ,
Osc1 = V
DD, No Load
I
SINK
Osc2 sink current
-
300
-
μA
V
Osc2 = 1.0V
I
SOURCE
Osc2 source current
-
100
-
μA
V
Osc2 = VDD -1.0V
I
Osc1
Osc1 logic input leakage current
-
±10
-
μA
V
Osc1 = 0V and VDD
V
H
Osc1 hysteresis voltage
-
2.5
-
V
---
V
A-B
Min differential output voltage across
lamp
-
-
400
V
HV
IN = 200V
V
DD
Internal supply voltage
8.0
10
12
V
No load on V
DD
I
DD (OUT)
Minimum output V
DD current
-
-
4.0
mA
For HV809K2, ΔV
DD = 1.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com