Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV856 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV856
Description  High Voltage Tri-EL Lamp Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV856 Datasheet(HTML) 3 Page - Supertex, Inc

  HV856 Datasheet HTML 1Page - Supertex, Inc HV856 Datasheet HTML 2Page - Supertex, Inc HV856 Datasheet HTML 3Page - Supertex, Inc HV856 Datasheet HTML 4Page - Supertex, Inc HV856 Datasheet HTML 5Page - Supertex, Inc HV856 Datasheet HTML 6Page - Supertex, Inc HV856 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
S1
S2
S3
S4
S5
S6
S7
S8
S9
S1 0
SDI
SCK
EL1 Control
Latches
in Data
MSB of
EL1
LSB of
EL1
MSB of
EL2
LSB of
EL2
MSB of
EL3
LSB of
EL3
PWR_ON
EL2 Control
EL3 Control
Logic Input Conditions
The serial data input consists of a 10-bit string, three bits of
brightness control and one bit (10th bit) to optionally control
the power converter. The power converter runs if any of the
EL lamps has a non-zero brightness value or if the PWR_ON
bit is high while the other nine bits are low.
1.
SDI may be H or L if SCK is H.
2.
SCK may be H or L if SDI is H.
3.
While inputting serial data to the shift register, SDI can
change value only when SCK is L.
4.
The previous ten bits of serial input will be latched
when SDI makes L to H transition while SCK is H.
EL Lamp Brightness Control
The EL lamp brightness control is a 3-bit binary number stored
in a latch, which is provided by a serial to parallel conversion
shift register.
1.
If all the three bits for a designated EL lamp are L, the
differential voltage across that lamp will be zero.
2.
If any of the three bits for a designated EL lamp is H:
a.The 3-bit value sets the average number of cycles
for which the EL lamp voltage is non-zero.
b.The EL lamp brightness is linearly proportional
to the binary lamp control code.
Logic Input Diagram
Note:
1. Serial data is latched when SDI makes L to H transition and while SCK is H.
2. S1 is the first serial data input being fed.
HV856
Symbol Parameter
Min
Typ
Max
Units
Conditions
D
MAX
Maximum PWM switch duty
cycle
80
88
94
%
V
CS = 20V, RLOAD = 20Ω
f
CLK
SCK speed
-
-
1
MHz
---
T
SU
SDI setup time before SCK
rises
30
-
-
ns
---
T
H
SDI hold time before SCK
rises
30
-
-
ns
---
* Code refers to the 3-bit Brightness Control Code for the respective EL Lamp
Specifications (cont.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com