Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM263P4 Datasheet(PDF) 60 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 56Page - Texas Instruments AM263P4 Datasheet HTML 57Page - Texas Instruments AM263P4 Datasheet HTML 58Page - Texas Instruments AM263P4 Datasheet HTML 59Page - Texas Instruments AM263P4 Datasheet HTML 60Page - Texas Instruments AM263P4 Datasheet HTML 61Page - Texas Instruments AM263P4 Datasheet HTML 62Page - Texas Instruments AM263P4 Datasheet HTML 63Page - Texas Instruments AM263P4 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 164 page
background image
Table 5-65. GPIO Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
GPIO104
IO
General Purpose Input/Output
C18
C18
C18
GPIO105
IO
General Purpose Input/Output
D17
D17
D17
GPIO106
IO
General Purpose Input/Output
D18
D18
D18
GPIO107
IO
General Purpose Input/Output
E16
E16
E16
GPIO108
IO
General Purpose Input/Output
F16
F16
F16
GPIO109
IO
General Purpose Input/Output
F18
F18
F18
GPIO110
IO
General Purpose Input/Output
G16
G16
G16
GPIO111
IO
General Purpose Input/Output
E17
E17
E17
GPIO112
IO
General Purpose Input/Output
E18
E18
E18
GPIO113
IO
General Purpose Input/Output
C16
C16
C16
GPIO114
IO
General Purpose Input/Output
A17
A17
A17
GPIO115
IO
General Purpose Input/Output
B18
B18
B18
GPIO116
IO
General Purpose Input/Output
B17
B17
B17
GPIO117
IO
General Purpose Input/Output
D16
D16
D16
GPIO118
IO
General Purpose Input/Output
C17
C17
C17
GPIO119
IO
General Purpose Input/Output
D15
D15
D15
GPIO120
IO
General Purpose Input/Output
C15
C15
C15
GPIO121
IO
General Purpose Input/Output
P2
P2
P2
GPIO122
IO
General Purpose Input/Output
B16
B16
B16
GPIO123
IO
General Purpose Input/Output
D14
D14
D14
GPIO124
IO
General Purpose Input/Output
A16
A16
A16
GPIO125
IO
General Purpose Input/Output
D13
D13
D13
GPIO126
IO
General Purpose Input/Output
B15
B15
B15
GPIO127
IO
General Purpose Input/Output
C13
C13
C13
GPIO128
IO
General Purpose Input/Output
A15
A15
A15
GPIO129
IO
General Purpose Input/Output
C14
C14
C14
GPIO130
IO
General Purpose Input/Output
B14
B14
B14
GPIO131
IO
General Purpose Input/Output
A14
A14
A14
GPIO132
IO
General Purpose Input/Output
C12
C12
C12
GPIO133
IO
General Purpose Input/Output
D11
D11
D11
GPIO134 (2)
IOD
General Purpose Input/Output
B13
B13
B13
GPIO135 (3)
IOD
General Purpose Input/Output
A13
A13
A13
GPIO136
IO
General Purpose Input/Output
B12
B12
B12
GPIO137
IO
General Purpose Input/Output
A12
A12
A12
GPIO138
IO
General Purpose Input/Output
M2
M2
M2
GPIO20
IO
General Purpose Input/Output
B9
B9
B9
GPIO21
IO
General Purpose Input/Output
B8
B8
B8
GPIO22
IO
General Purpose Input/Output
A8
A8
A8
GPIO23
IO
General Purpose Input/Output
D7
D7
D7
GPIO24
IO
General Purpose Input/Output
C8
C8
C8
GPIO25
IO
General Purpose Input/Output
C7
C7
C7
GPIO26
IO
General Purpose Input/Output
B7
B7
B7
GPIO27
IO
General Purpose Input/Output
A7
A7
A7
GPIO28
IO
General Purpose Input/Output
A6
A6
A6
GPIO29
IO
General Purpose Input/Output
R17
R17
R17
GPIO30 (1)
IO
General Purpose Input/Output
R18
GPIO31 (1)
IO
General Purpose Input/Output
U17
GPIO32 (1)
IO
General Purpose Input/Output
T17
GPIO33 (1)
IO
General Purpose Input/Output
U18
GPIO34 (1)
IO
General Purpose Input/Output
T18
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
60
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com