Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM1117
Description  LM1117-Q1 18V, 1A, Automotive Fixed Output Linear Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1117 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM1117 Datasheet HTML 12Page - Texas Instruments LM1117 Datasheet HTML 13Page - Texas Instruments LM1117 Datasheet HTML 14Page - Texas Instruments LM1117 Datasheet HTML 15Page - Texas Instruments LM1117 Datasheet HTML 16Page - Texas Instruments LM1117 Datasheet HTML 17Page - Texas Instruments LM1117 Datasheet HTML 18Page - Texas Instruments LM1117 Datasheet HTML 19Page - Texas Instruments LM1117 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
7.2.1 Design Requirements
For this design example, use the parameters listed in Table 7-1 as the input parameters.
Table 7-1. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
12V
Output voltage
3.3V
Output current
100mA
7.2.2 Detailed Design Procedure
For this design example, the 3.3V, fixed-version LM111733QxxxRQ1 is selected and is powered by a standard
12V input supply. The dropout voltage (VDO) is kept within the LM1117-Q1 dropout voltage specification for the
3.3V output voltage option to keep the device in regulation under all load and temperature conditions for this
design. A 1.0µF output capacitor is recommended for excellent load transient response. The input capacitor is
optional and is used to reduce the input impedance of the circuit and improve the transient response.
As with any regulator, increasing the size of the output capacitor reduces overshoot and undershoot magnitude.
7.2.3 Application Curves
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.5V or 2.5V (whichever is greater), IOUT = 10mA, CIN =
1.0µF, and COUT = 1.0µF (unless otherwise noted).
Time (ms)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-1
-1.75
0
-1.5
1
-1.25
2
-1
3
-0.75
4
-0.5
5
-0.25
6
0
7
0.25
8
0.5
9
0.75
VIN
IIN
VOUT
IOUT = 0.1A, COUT = 22µF
Figure 7-3. Start-up and Inrush Current With 22µF
at COUT
VIN = 5V, VOUT = 3.3V, ramp rate = 0.4A/µs
Figure 7-4. IOUT Transient From 0mA to 100mA
VIN = 5V, VOUT = 3.3V, ramp rate = 0.5A/µs
Figure 7-5. IOUT Transient From 1mA to 1A
VIN = 5V, VOUT = 3.3V, ramp rate = 0.8A/µs
Figure 7-6. IOUT Transient From 250mA to 850mA
LM1117-Q1
SBVS468 – DECEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM1117-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com