Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6035IMM/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6035IMM/NOPB
Description  LMC603x 2.7V, Low-Power, Single-Supply, CMOS Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6035IMM/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMC6035IMM/NOPB Datasheet HTML 14Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 15Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 16Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 17Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 18Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 19Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 20Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 21Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
7.2 Typical Applications
7.2.1 Differential Driver
The LMC603x are an excellent choice for low-voltage applications. A desirable feature that the LMC603x bring to
low-voltage applications is the output drive capability—a hallmark for TI's CMOS amplifiers. The circuit of Figure
7-3 illustrates the drive capability of the LMC603x at 3V of supply. These devices are used as a differential
output driver for a one-to-one audio transformer, like those used for isolating ground from the telephone lines.
The transformer (T1) loads the op amps with about 600Ω of ac load, at 1kHz. Capacitor C1 functions to block dc
from the low winding resistance of T1. Although the value of C1 is relatively high, the capacitive load reactance
(XC) is negligible compared to inductive reactance (XI) of T1.
+
–
+
–
C1
10μF
R4
100k
R3
100k
R4
200k
R1
100k
VIN
1.5V
1.5V
RL
600
VOUT
U1A
U1B
T1
1:1
(600
to 600 )
Figure 7-3. Differential Driver
The circuit in Figure 7-3 consists of one input signal and two output signals. U1A amplifies the input with an
inverting gain of −2, while the U1B amplifies the input with a non-inverting gain of +2. The two outputs are 180°
out of phase with each other; therefore, the gain across the differential output is 4. As the differential output
swings between the supply rails, one of the op amps sources the current to the load, while the other op amp
sinks the current.
How good a CMOS op amp can sink or source a current is an important factor in determining output swing
capability. The output stage of the LMC603x—like many op amps—sources and sinks output current through two
complementary transistors in series. This totem pole arrangement translates to a channel resistance (Rdson) at
each supply rail that acts to limit the output swing. Most CMOS op amps are able to swing the outputs very close
to the rails; except, however, under the difficult conditions of low supply voltage and heavy load. The LMC603x
exhibit exceptional output swing capability under these conditions.
The scope photos of Figure 7-4 and Figure 7-5 represent measurements taken directly at the output (relative to
GND) of U1A, in Figure 7-3. Figure 7-4 illustrates the output swing capability of the LMC6035, while Figure 7-5
provides a benchmark comparison. (The benchmark op amp is another low-voltage (3V) op amp manufactured
by one of our reputable competitors.)
LMC6035, LMC6036
SNOS875H – JANUARY 2000 – REVISED DECEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6035 LMC6036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com