Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV862K7-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV862K7-G
Description  Dimmable, Low Noise, Dual EL Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV862K7-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV862K7-G Datasheet HTML 1Page - Supertex, Inc HV862K7-G Datasheet HTML 2Page - Supertex, Inc HV862K7-G Datasheet HTML 3Page - Supertex, Inc HV862K7-G Datasheet HTML 4Page - Supertex, Inc HV862K7-G Datasheet HTML 5Page - Supertex, Inc HV862K7-G Datasheet HTML 6Page - Supertex, Inc HV862K7-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV862
Ordering Information
Device
Package Option
16-Lead QFN
(3x3mm body, 0.80mm height (max), 0.50mm pitch)
HV862
HV862K7-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
DD,
Supply Voltage
-0.5V to 5.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Power Dissipation
1.6W
V
CS, Output Voltage
-0.5V to +120V
Sym
Parameter
Min
Typ
Max
Units
Conditions
Electrical Characteristics
(Over recommended operating conditions unless otherwise specified)
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Pin Configuration
Package
θ
ja
16-Lead QFN
60 °C/W
Thermal Resistance
R
DS(ON)
On-resistance of switching transistor
-
-
7.0
Ω
I = 100mA
V
CS
Maximum output regulation voltage
80
90
100
V
V
DD = 2.5V to 4.5V
V
CS
Output regulation voltage
-78
-
V
V
DD = 2.5V to 4.5V, VREG = 1.092V
-62
-
V
DD = 2.5V to 4.5V, VREG = 0.862V
-45
-
V
DD = 2.5V to 4.5V, VREG = 0.632V
V
REG
External input voltage range
0
-
1.40
V
V
DD = 2.5V to 4.5V
V
REFH
V
REF output high voltage
1.12
1.26
1.40
V
V
DD = 2.5V to 4.5V
I
REF(SOURCE)
Average sourcing current
from V
REF pin
-
6.0
-
µA
V
DD = 2.5V to 4.5V
I
REF(SINK)
Average sinking current
from V
REF pin
-
6.0
-
µA
V
DD = 2.5V to 4.5V
I
DDQ
Quiescent V
DD supply current
--
300
nA
V
DD = 2.5V,
EN1 = EN2 = PWM = LOW
--
400
V
DD = 3.0V,
EN1 = EN2 = PWM = LOW
-
-
500
V
DD = 4.5V,
EN1 = EN2 = PWM = LOW
Note:
Pads are at the bottom of the package. Center heat slug is at ground
potential.
1
12
2
3
4
56
7
8
9
10
11
13
14
15
16
VREF VREG VOUT PWM
EL1
COM1
COM2
EL2
REL-osc
RSW-osc
VDD
EN1
EN2 GND
LX
CS
16-Lead QFN
(top view)
Y = Last Digit of Year Molded
W = Code for Week Molded
L = Lot Number
= “Green” Packaging
H862
YWLL
Product Marking
16-Lead QFN Package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com