Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC486 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC486
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC486 Datasheet HTML 13Page - Semtech Corporation SC486 Datasheet HTML 14Page - Semtech Corporation SC486 Datasheet HTML 15Page - Semtech Corporation SC486 Datasheet HTML 16Page - Semtech Corporation SC486 Datasheet HTML 17Page - Semtech Corporation SC486 Datasheet HTML 18Page - Semtech Corporation SC486 Datasheet HTML 19Page - Semtech Corporation SC486 Datasheet HTML 20Page - Semtech Corporation SC486 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
Design Procedure (Cont.)
Secondly calculating the value of C
TOP required to achieve
this:
F
f
2
R
1
Z
1
C
)
MIN
(
VBAT
_
SW
TOP
TOP
TOP
•
π
•


−
=
For our DDR2 VDDQ example we will use R
TOP = 4.64kΩ
and R
BOT = 23.2kΩ, therefore
V
FB_VBAT(MIN) = 16.7mVP-P - good
No additional capacitance is required, however a no-pop
space is recommended to allow for adjustment once the
design is complete, laid out and built.
Next we need to calculate the minimum output
capacitance required to ensure that the output voltage
does not exceed the transient maximum limit, POSLIM
TR,
starting from the actual static maximum, V
OUT_ST_POS, when
a load release occurs:
V
ERR
V
V
DC
OUT
POS
_
ST
_
OUT
+
=
For our DDR2 VDDQ example:
V
OUT_ST_POS = 1.836V
V
TOL
V
POSLIM
TR
OUT
TR
•
=
Where TOL
TR is the transient tolerance. For our DDR2
VDDQ example:
POSLIM
TR = 1.900V
The minimum output capacitance is calculated as
follows:
()F
V
POSLIM
2
I
I
L
C
2
POS
_
ST
_
OUT
2
TR
2
)
MAX
(
VBAT
_
RIPPLE
OUT
)
MIN
(
OUT
−


+
•
=
This calculation assumes the absolute worst case
condition of a full-load to no load step transient occurring
when the inductor current is at its highest. The
capacitance required for smaller transient steps my be
calculated by substituting the desired current for the I
OUT
term.
For our DDR2 VDDQ example:
C
OUT(MIN) = 839µF.
We will select 440µF, using two 220µF, 15m
Ω
capacitors in parallel, which will be good for load release
steps of up to 6.7A.
Next we calculate the RMS input ripple current, which is
largest at the minimum battery voltage:
()
RMS
MIN
_
BAT
OUT
OUT
)
MIN
(
BAT
OUT
)
RMS
(
IN
A
V
I
V
V
V
I
•
−
•
=
For our DDR2 VDDQ example:
I
IN(RMS) = 4ARMS
Input capacitors should be selected with sufficient ripple
current rating for this RMS current, for example a 10µF,
1210 size, 25V ceramic capacitor can handle
approximately 3A
RMS. Refer to manufacturer’s data
sheets.
Finally, we calculate the current limit resistor value. As
described in the current limit section, the current limit
looks at the “valley current”, which is the average output
current minus half the ripple current. We use the
maximum room temperature specification for MOSFET
R
DS(ON) at VGS = 4.5V for purposes of this calculation:
A
2
I
I
I
)
MIN
(
VBAT
_
RIPPLE
OUT
VALLEY
−
=
The ripple at low battery voltage is used because we want
to make sure that current limit does not occur under
normal operating conditions.
()
Ohms
10
10
4
.
1
R
2
.
1
I
R
6
)
ON
(
DS
VALLEY
ILIM
−
•
•
•
•
=
For our DDR2 VDDQ example R
DS(ON) = 9mΩ:
I
VALLEY = 8.69A and RILIM = 13.1kΩ
We select the next lowest 1% resistor value: 13.0k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com