Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1470ITSTR Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC1470ITSTR
Description  Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1470ITSTR Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC1470ITSTR Datasheet HTML 17Page - Semtech Corporation SC1470ITSTR Datasheet HTML 18Page - Semtech Corporation SC1470ITSTR Datasheet HTML 19Page - Semtech Corporation SC1470ITSTR Datasheet HTML 20Page - Semtech Corporation SC1470ITSTR Datasheet HTML 21Page - Semtech Corporation SC1470ITSTR Datasheet HTML 22Page - Semtech Corporation SC1470ITSTR Datasheet HTML 23Page - Semtech Corporation SC1470ITSTR Datasheet HTML 24Page - Semtech Corporation SC1470ITSTR Datasheet HTML 25Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
24
 2005 Semtech Corp.
www.semtech.com
SC1470
POWER MANAGEMENT
Outline Drawing - TSSOP-14
Marking Information
Top Mark
Bottom Mark
yy = two-digit year of manufacture
ww = two-digit week of manufacture
xxxxxx = Wafer Lot Number
xx = Assembly Lot Number
NOM
INCHES
DIMENSIONS
c
N
ccc
aaa
bbb
01
E
L1
L
e
E1
D
MIN
A
A1
A2
b
DIM
MILLIMETERS
MIN
MAX
NOM MAX
E
REFERENCE JEDEC STD MO-153, VARIATION AB-1.
4.
GAGE
PLANE
SEE DETAIL
DETAIL
A
A
0.25
.026 BSC
.252 BSC
14
.004
.169
.193
.173
.197
.007
-
14
0.10
0.65 BSC
6.40 BSC
4.40
5.00
-
.177
.201
4.30
4.90
.012 0.19
4.50
5.10
0.30
PIN 1
INDICATOR
SEATING
bbb
C A-B D
ccc C
PLANE
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
-B-
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
A
B
C
D
e
H
D
0°
.008
-
.004
.018
.003
(.039)
.024
-
.031
.002
-
-
-
-
0.10
0.20
8°
0°
-
8°
0.60
(1.0)
.030
.007
0.45
0.09
.047
.042
.006
0.80
0.05
-
0.20
0.75
-
1.05
0.15
1.20
-
-
-
bxN
A
A2
A1
E/2
2X
E1
2X N/2 TIPS
12 3
aaa C
L
(L1)
c
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com