Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4602AIMSTR Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4602AIMSTR
Description  High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602AIMSTR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4602AIMSTR Datasheet HTML 4Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 5Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 6Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 7Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 8Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 9Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 10Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 11Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
 2006 Semtech Corp.
www.semtech.com
SC4602A/B
POWER MANAGEMENT
Typical Characteristic (Cont.)
Sc4602B
Oscillator Internal Accuracy
vs
Input Voltage
525.000
530.000
535.000
540.000
545.000
550.000
555.000
560.000
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
TA = 25°C
Sc4602B
Oscillator Internal Accuracy
vs
Temperature
520.000
530.000
540.000
550.000
560.000
570.000
-40
-20
0
2040
6080
Temperature (°C)
Vcc = 3.3V
Sc4602B
Sense Voltage
vs
Input Voltage
799.600
799.800
800.000
800.200
800.400
800.600
800.800
801.000
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
TA = 25°C
Sc4602B
Sense Voltage
vs
Temperature
798.500
799.000
799.500
800.000
800.500
-40
-20
0
20
40
60
80
Temperature (°C)
Vcc = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com