Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1101 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1101
Description  Asynchronous Voltage Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1101 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1101 Datasheet HTML 1Page - Semtech Corporation SC1101 Datasheet HTML 2Page - Semtech Corporation SC1101 Datasheet HTML 3Page - Semtech Corporation SC1101 Datasheet HTML 4Page - Semtech Corporation SC1101 Datasheet HTML 5Page - Semtech Corporation SC1101 Datasheet HTML 6Page - Semtech Corporation SC1101 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1101
Vout
5V
4uH
+
Cout
+
Cin
10
0.1uF
Q1
0.001uF
12V IN
Heavy lines indicate
high current paths.
D1
SC1101CS
GND
8
VCC
1
CS(-)
2
CS(+)
3
PGND
4
DH
5
BST
6
FB
7
Rb
Ra
Applications Information (Cont.)
Layout diagram for the SC1101
V
O = VREF (1 + Ra/Rb)
Q1
IRLR3103
R4
2.2
R2
1k
D2
MBRD1035L
R1
10
L1
4uH
C8
330/2.5V
C9
330/2.5V
C10
330/2.5V
C3
150/6.3V
C2
150/6.3V
C5
0.001
R7
127
R6
76.8 *see note
C1
1.0
C6
0.01
+
+5V
GND
C7
0.1
C11
1.0
R5
0.05
R3
1k
GND
VCC
1
CS(-)
2
CS(+)
3
PGND
4
DH
5
BST
6
FB
7
GND
8
U1
SC1101
* NOTE:
R6 = R7 x (Vout/1.25 - 1) rounded to nearest 1%value
C4
0.1
D1
LL42
Vout = 2V @ 10A
Application Circuit
5V to 2.0V @ 10A (Bootstrapped)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com