Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV6810 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV6810
Description  10-Channel Serial-Input Latched Display Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV6810 Datasheet(HTML) 2 Page - Supertex, Inc

  HV6810_07 Datasheet HTML 1Page - Supertex, Inc HV6810_07 Datasheet HTML 2Page - Supertex, Inc HV6810_07 Datasheet HTML 3Page - Supertex, Inc HV6810_07 Datasheet HTML 4Page - Supertex, Inc HV6810_07 Datasheet HTML 5Page - Supertex, Inc HV6810_07 Datasheet HTML 6Page - Supertex, Inc HV6810_07 Datasheet HTML 7Page - Supertex, Inc HV6810_07 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HV6810
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
DD
Supply voltage
4.5
-
5.5
V
---
V
BB
Supply voltage
20
-
80
V
---
V
SS
Supply voltage
-
0
-
V
---
V
IH
High-level input voltage (for V
DD = 5.0V)
3.5
-
5.3
V
---
V
IL
Low-level input voltage
-0.3
-
0.8
V
---
I
OH
Continuous high-level Q output current
-25
-
-
mA
---
f
CLK
Clock frequency
-
-
5.0
MHz
---
T
A
Operating ambient temperature
-40
-
+85
°C
---
Power-Up / Power-Down Sequence
Step
Description
1
Connect ground V
SS
2
Apply V
DD
3
Set all inputs (Data, CLK, Enable, etc.) to a known state
4
Apply V
BB
5
The V
BB should not drop below VDD or float during operation.
Power-down sequence should be the reverse of the above.
DC Electrical Characteristics
(V
DD = 5V±10%, VBB = 60V, VSS = 0, TA = 25
OC unless otherwise noted)
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
OH
High level output voltage
Q outputs
57.5
58
-
V
I
OH = 25mA
Serial output
4.0
4.5
-
V
DD = 4.5V, IOL = -100µA
V
OL
Low level output voltage
Q outputs
-
0.15
1.0
V
I
OH = 100µA,
blanking input at V
DD
Serial output
-
0.05
0.1
V
DD = 4.5V, IOL = 100µA
I
OL
Low level Q output current (pull-down current)
60
80
-
µA
T
A = Max, VOL = 0.7V
I
O(OFF)
Off-state output current
-
-1.0
-15
µA
V
O = 0, Blanking input
T
A = Max at VDD
I
H
High level input current
-
1.0
µA
V
l = VDD
I
DD
Supply current from V
DD (standby)
-10
50
µA
All inputs at 0V,
one Q output high
-10
50
All inputs at 0V,
all Q outputs low
I
BB
Supply current from V
BB
-
0.05
0.1
mA
All outputs low,
all Q outputs open
-
0.05
0.1
All outputs high,
all Q outputs open
* All typical values are at T
A = 25
OC except for I
O.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com