Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDH3V3-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDH3V3-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDH3V3-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDH3V3-HF Datasheet HTML 1Page - Comchip Technology CPDH3V3-HF Datasheet HTML 2Page - Comchip Technology CPDH3V3-HF Datasheet HTML 3Page - Comchip Technology CPDH3V3-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Rating and Characteristic Curves (CPDH3V3-HF)
SMD ESD Protection Diode
Page 2
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Reverse breakdown voltage
VBR
IT = 1mA
4.0
Reverse leakage current
IR
µA
VRWM = 3.3V
1.0
V
Reverse working voltage
VRWM
3.3
V
Clamping voltage
VC
V
16
IPP = 23A, TP = 8/20µs
45
Junction capacitance
CJ
pF
VR = 0V, f = 1MHz
SP-JP009
Clamping voltage
VC
IPP = 1A, TP = 8/20µs
6.0
V
6.5
13
35
Fig.1 - Pulse Waveform
Time, (µs)
Fig.2 - Power Derating Curve
Ambient Temperature, Ta (°C)
0
0
80
100
110
5
30
10
20
25
60
20
Waveform
parameters
tr=8µs
td=20µs
70
50
10
40
30
90
15
Waveform
parameters
tr=8µs
td=20µs
td = IPP/2
0
20
60
120
40
80
100
0
25
50
75
100
150
125



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com