Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1102 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1102
Description  Synchronous Voltage Mode Controller for Distributed Power Supply Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1102 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1102_06 Datasheet HTML 1Page - Semtech Corporation SC1102_06 Datasheet HTML 2Page - Semtech Corporation SC1102_06 Datasheet HTML 3Page - Semtech Corporation SC1102_06 Datasheet HTML 4Page - Semtech Corporation SC1102_06 Datasheet HTML 5Page - Semtech Corporation SC1102_06 Datasheet HTML 6Page - Semtech Corporation SC1102_06 Datasheet HTML 7Page - Semtech Corporation SC1102_06 Datasheet HTML 8Page - Semtech Corporation SC1102_06 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1102/SC1102A
Block Diagram
Synchronous Buck Converter
Primary V
CORE power is provided by a synchronous, volt-
age-mode pulse width modulated (PWM) controller. This
section has all the features required to build a high effi-
ciency synchronous buck converter, including “Power
Good” flag, shut-down, and cycle-by-cycle current limit.
The output voltage of the synchronous converter is set
and controlled by the output of the error amplifier. The
external resistive divider reference voltage is derived from
an internal trimmed-bandgap voltage reference (See Fig.
1). The inverting input of the error amplifier receives its
voltage from the SENSE pin.
The internal oscillator uses an on-chip capacitor and
trimmed precision current sources to set the oscillation
frequency to 200kHz/500kHz. The triangular output of
the oscillator sets the reference voltage at the inverting
input of the comparator. The non-inverting input of the
comparator receives it’s input voltage from the error am-
plifier. When the oscillator output voltage drops below
the error amplifier output voltage, the comparator out-
put goes high. This pulls DL low, turning off the low-side
FET, and DH is pulled high, turning on the high-side FET
(once the cross-current control allows it). When the oscil-
lator voltage rises back above the error amplifier output
voltage, the comparator output goes low. This pulls DH
low, turning off the high-side FET, and DL is pulled high,
turning on the low-side FET (once the cross-current con-
trol allows it).
As SENSE increases, the output voltage of the error
amplifier decreases. This causes a reduction in the on-
time of the high-side MOSFET connected to DH, hence
lowering the output voltage.
Under Voltage Lockout
The under voltage lockout circuit of the SC1102 assures
that the high-side MOSFET driver outputs remain in the
off state whenever the supply voltage drops below set
parameters. Lockout occurs if V
CC falls below 4.1V. Nor-
mal operation resumes once V
CC rises above 4.2V.
Over-Voltage Protection
The over-voltage protection pin (OVP) is high only when
the voltage at SENSE is 20% higher than the target value
programmed by the external resistor divider. The OVP pin
is internally connected to a PNP’s collector.
Power Good
The power good function is to confirm that the regulator
outputs are within +/-10% of the programmed level.
PWRGD remains high as long as this condition is met.
PWRGD is connected to an internal open collector NPN
transistor.
Applications Information - Theory of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com