Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4508 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4508
Description  Buck or Buck-Boost(Inverting) Current Mode Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4508 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4508 Datasheet HTML 1Page - Semtech Corporation SC4508 Datasheet HTML 2Page - Semtech Corporation SC4508 Datasheet HTML 3Page - Semtech Corporation SC4508 Datasheet HTML 4Page - Semtech Corporation SC4508 Datasheet HTML 5Page - Semtech Corporation SC4508 Datasheet HTML 6Page - Semtech Corporation SC4508 Datasheet HTML 7Page - Semtech Corporation SC4508 Datasheet HTML 8Page - Semtech Corporation SC4508 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC4508
Buck or Buck-Boost(Inverting)
Current Mode Controller
Description
Revision: November 30, 2004
Features
Typical Application Circuits
Applications
Wide input voltage range 2.7V to 15V
Programmable output voltage
Programmable switching frequency up to 1.5MHz
Buck or buck boost(inverting) configuration
Current mode control with slope compensation
Very low quiescent current in shutdown mode
Accessible reference voltage
MLPQ-12 package
Low power point of use converters
Single or multiple output low power converters
Positive and/or negative output voltage
DSL cards
Graphic cards
I/O cards
Negative bias supplies
The SC4508 is a low voltage current mode switching regu-
lator controller that drives a P-channel power MOSFET
with programmable switching frequency. It can be con-
figured in either buck or buck boost (inverting) convert-
ers. The converters can be operated from 2.7V to 15V
input voltage range. The typical operating supply current
is 3mA and a shutdown pin allows the user to turn the
controller off reducing it to less than 200µA. The output
voltage can adjusted by external resistor divider. The
switching frequency is programmable up to 1.5MHz,
allowing small inductor and capacitor values to minimize
PCB space. The operating current level is programmable
via an external sense resistor. Accessible reference volt-
age allows users to make output voltage as low as they
want.
VREF
CS
OUT
VDD
FB+
FB-
COMP
SS/SHDN
OSC
SC4508
Vin
GND
CS
OSC
VDD
Vin
SS/SHDN
FB-
GND
SC4508
OUT
FB+
VREF
COMP


Similar Part No. - SC4508

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4508A SEMTECH-SC4508A Datasheet
418Kb / 21P
Buck or Buck-Boost (Inverting) Current Mode Controller
SC4508ABUCK-BOOSTEVB SEMTECH-SC4508ABUCK-BOOSTEVB Datasheet
418Kb / 21P
Buck or Buck-Boost (Inverting) Current Mode Controller
SC4508ABUCKEVB SEMTECH-SC4508ABUCKEVB Datasheet
418Kb / 21P
Buck or Buck-Boost (Inverting) Current Mode Controller
SC4508AMLTRT SEMTECH-SC4508AMLTRT Datasheet
418Kb / 21P
Buck or Buck-Boost (Inverting) Current Mode Controller
More results

Similar Description - SC4508

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THV1021 THINE-THV1021 Datasheet
19Kb / 1P
2ch Buck/Boost Inverting
THV1021E THINE-THV1021E Datasheet
17Kb / 1P
2ch Buck, Boost and Inverting Controller
THV1022E THINE-THV1022E Datasheet
16Kb / 1P
2ch Buck/Boost Controller
THV1031 THINE-THV1031 Datasheet
18Kb / 1P
3ch Buck, Boost and Inverting Controller
logo
Semtech Corporation
SC4508A SEMTECH-SC4508A Datasheet
418Kb / 21P
Buck or Buck-Boost (Inverting) Current Mode Controller
logo
Rohm
BD8303MUV ROHM-BD8303MUV_15 Datasheet
1Mb / 27P
Synchronous Buck-Boost Controller
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
Buck or buck-boost pre-regulator
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
Current Mode Buck-Boost Converter
logo
Analog Devices
LTC7871 AD-LTC7871 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
logo
Maxim Integrated Produc...
MAX25612EVKIT MAXIM-MAX25612EVKIT Datasheet
652Kb / 6P
Configured for Boost or Buck-Boost Mode
Rev 0; 9/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com